Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8006 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM8006
Description  10W Stereo Class-D Audio Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8006 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM8006 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
0 . 1
1 0
0 . 2
0 . 5
1
2
5
%
2 0
2 0 k
50
1 0 0
2 0 0
50 0
1k
2 k
5 k
1 0 k
Hz
+ 15
+ 30
+ 16
+ 17
+ 18
+ 19
+ 20
+ 21
+ 22
+ 23
+ 24
+ 25
+ 26
+ 27
+ 28
+ 29
d
B
r
A
20
20 k
50
100
200
500
1k
2k
5k
10 k
Hz
- 100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20 k
50
100
200
500
1k
2k
5k
10 k
Hz
Typical Performance Characteristics
7
,
Power Analog Microelectronics Inc
PAM8006
10W Stereo Class-D Audio Power Amplifier
www.poweranalog.com
1. THD
vs. Power
+N
3. Power Supply Ripple Rejection
5. Crosstalk
2. THD+N vs Frequency
Vin=15V
4. Noise Floor
V =12V,R =8
Gv=24dB,
°C, unless otherwise noted.
CC
L
Ω,
Τ =25
Α
6. Frequency Response
03/2011 Rev1.0
0. 1
50
0. 2
0. 5
1
2
5
10
20
%
1m
20
2m
5 m
10 m 20 m
50m 100 m
500m
1
2
5
10
W
f=10kHz
f=1kHz
f=100Hz
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
10
100k
20
50
100
200
500
1k
2k
5k
10k
20k
50k
Hz
-150
+0
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
V
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
R to L
L to R
Cin=0.1uF
Cin=0.47uF
Cin=1uF
Vin=12V
Vin=8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com