Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F685 Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 40Page - Microchip Technology PIC16F685 Datasheet HTML 41Page - Microchip Technology PIC16F685 Datasheet HTML 42Page - Microchip Technology PIC16F685 Datasheet HTML 43Page - Microchip Technology PIC16F685 Datasheet HTML 44Page - Microchip Technology PIC16F685 Datasheet HTML 45Page - Microchip Technology PIC16F685 Datasheet HTML 46Page - Microchip Technology PIC16F685 Datasheet HTML 47Page - Microchip Technology PIC16F685 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 42
© 2008 Microchip Technology Inc.
2.2.2.7
PIR2 Register
The PIR2 register contains the interrupt flag bits, as
shown in Register 2-7.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable bit, GIE of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear prior
to enabling an interrupt.
REGISTER 2-7:
PIR2: PERIPHERAL INTERRUPT REQUEST REGISTER 2
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
OSFIF
C2IF
C1IF
EEIF
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
OSFIF: Oscillator Fail Interrupt Flag bit
1
= System oscillator failed, clock input has changed to INTOSC (must be cleared in software)
0
= System clock operating
bit 6
C2IF: Comparator C2 Interrupt Flag bit
1
= Comparator output (C2OUT bit) has changed (must be cleared in software)
0
= Comparator output (C2OUT bit) has not changed
bit 5
C1IF: Comparator C1 Interrupt Flag bit
1
= Comparator output (C1OUT bit) has changed (must be cleared in software)
0
= Comparator output (C1OUT bit) has not changed
bit 4
EEIF: EE Write Operation Interrupt Flag bit
1
= Write operation completed (must be cleared in software)
0
= Write operation has not completed or has not started
bit 3-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com