Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F685 Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 68Page - Microchip Technology PIC16F685 Datasheet HTML 69Page - Microchip Technology PIC16F685 Datasheet HTML 70Page - Microchip Technology PIC16F685 Datasheet HTML 71Page - Microchip Technology PIC16F685 Datasheet HTML 72Page - Microchip Technology PIC16F685 Datasheet HTML 73Page - Microchip Technology PIC16F685 Datasheet HTML 74Page - Microchip Technology PIC16F685 Datasheet HTML 75Page - Microchip Technology PIC16F685 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 70
© 2008 Microchip Technology Inc.
REGISTER 4-8:
TRISB: PORTB TRI-STATE REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
U-0
U-0
U-0
U-0
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
TRISB<7:4>: PORTB Tri-State Control bit
1
= PORTB pin configured as an input (tri-stated)
0
= PORTB pin configured as an output
bit 3-0
Unimplemented: Read as ‘0’
REGISTER 4-9:
WPUB: WEAK PULL-UP PORTB REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
U-0
U-0
U-0
U-0
WPUB7
WPUB6
WPUB5
WPUB4
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
WPUB<7:4>: Weak Pull-up Register bit
1
= Pull-up enabled
0
= Pull-up disabled
bit 3-0
Unimplemented: Read as ‘0’
Note 1: Global RABPU bit of the OPTION register must be enabled for individual pull-ups to be enabled.
2: The weak pull-up device is automatically disabled if the pin is in Output mode (TRISB<7:4> = 0).
REGISTER 4-10:
IOCB: INTERRUPT-ON-CHANGE PORTB REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
IOCB7
IOCB6
IOCB5
IOCB4
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
IOCB<7:4>: Interrupt-on-Change PORTB Control bit
1
= Interrupt-on-change enabled
0
= Interrupt-on-change disabled
bit 3-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com