Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F685 Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 57Page - Microchip Technology PIC16F685 Datasheet HTML 58Page - Microchip Technology PIC16F685 Datasheet HTML 59Page - Microchip Technology PIC16F685 Datasheet HTML 60Page - Microchip Technology PIC16F685 Datasheet HTML 61Page - Microchip Technology PIC16F685 Datasheet HTML 62Page - Microchip Technology PIC16F685 Datasheet HTML 63Page - Microchip Technology PIC16F685 Datasheet HTML 64Page - Microchip Technology PIC16F685 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 59
PIC16F631/677/685/687/689/690
4.0
I/O PORTS
There are as many as eighteen general purpose I/O
pins available. Depending on which peripherals are
enabled, some or all of the pins may not be available as
general purpose I/O. In general, when a peripheral is
enabled, the associated pin may not be used as a
general purpose I/O pin.
4.1
PORTA and the TRISA Registers
PORTA is a 6-bit wide, bidirectional port. The
corresponding data direction register is TRISA
(Register 4-2). Setting a TRISA bit (= 1) will make the
corresponding PORTA pin an input (i.e., disable the
output driver). Clearing a TRISA bit (= 0) will make the
corresponding PORTA pin an output (i.e., enables
output driver and puts the contents of the output latch
on the selected pin). The exception is RA3, which is
input only and its TRIS bit will always read as ‘1’.
Example 4-1 shows how to initialize PORTA.
Reading the PORTA register (Register 4-1) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then
written to the PORT data latch. RA3 reads ‘0’ when
MCLRE = 1.
The TRISA register controls the PORTA pin output
drivers, even when they are being used as analog
inputs. The user should ensure the bits in the TRISA
register are maintained set when using them as analog
inputs. I/O pins configured as analog input always read
‘0’.
EXAMPLE 4-1:
INITIALIZING PORTA
Note:
The ANSEL register must be initialized to
configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’.
BCF
STATUS,RP0
;Bank 0
BCF
STATUS,RP1
;
CLRF
PORTA
;Init PORTA
BSF
STATUS,RP1
;Bank 2
CLRF
ANSEL
;digital I/O
BSF
STATUS,RP0
;Bank 1
BCF
STATUS,RP1
;
MOVLW
0Ch
;Set RA<3:2> as inputs
MOVWF
TRISA
;and set RA<5:4,1:0>
;as outputs
BCF
STATUS,RP0
;Bank 0
REGISTER 4-1:
PORTA: PORTA REGISTER
U-0
U-0
R/W-x
R/W-x
R-x
R/W-x
R/W-x
R/W-x
—
—
RA5
RA4
RA3
RA2
RA1
RA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
RA<5:0>: PORTA I/O Pin bit
1
= Port pin is > VIH
0
= Port pin is < VIL
REGISTER 4-2:
TRISA: PORTA TRI-STATE REGISTER
U-0
U-0
R/W-1
R/W-1
R-1
R/W-1
R/W-1
R/W-1
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
TRISA<5:0>: PORTA Tri-State Control bit
1
= PORTA pin configured as an input (tri-stated)
0
= PORTA pin configured as an output
Note 1:
TRISA<3> always reads ‘1’.
2:
TRISA<5:4> always reads ‘1’ in XT, HS and LP Oscillator modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com