Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8615 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM8615
Description  16W/32W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8615 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM8615 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8615
16W/32W Stereo Class-D Audio Power Amplifier
STEP
TOTAL_GAIN
STEP
TOTAL _GA IN
(V)
( dB)
(V)
(d B)
1
0 .10
-6 0
3 3
2.3 4
1 7 .4
2
0 .17
-4 0
3 4
2.4 1
18
3
0 .24
-3 0
3 5
2.4 8
1 8 .6
4
0 .31
-2 0
3 6
2.5 5
1 9 .2
5
0 .38
-1 0
3 7
2.6 2
1 9 .8
6
0 .45
- 5
3 8
2.6 9
2 0 .4
7
0 .52
-2 .5
3 9
2.7 6
21
8
0 .59
0
4 0
2.8 3
2 1 .6
9
0 .66
2
4 1
2 .9
2 2 .2
1 0
0 .73
3
4 2
2.9 7
2 2 .8
1 1
0.8
4
4 3
3.0 4
2 3 .4
1 2
0 .87
4 .8
4 4
3.1 1
24
1 3
0 .94
5 .4
4 5
3.1 8
2 4 .6
1 4
1 .01
6
4 6
3.2 5
2 5 .2
1 5
1 .08
6 .6
4 7
3.3 2
2 5 .8
1 6
1 .15
7 .2
4 8
3.3 9
2 6 .4
1 7
1 .22
7 .8
4 9
3.4 6
27
1 8
1 .29
8 .4
5 0
3.5 3
2 7 .6
1 9
1 .36
9
5 1
3 .6
2 8 .2
2 0
1 .43
9 .6
5 2
3.6 7
2 8 .8
2 1
1.5
10 .2
5 3
3.7 4
2 9 .4
2 2
1 .57
10 .8
5 4
3.8 1
30
2 3
1 .64
11 .4
5 5
3.8 8
3 0 .6
2 4
1 .71
12
5 6
3.9 5
3 1 .2
2 5
1 .78
12 .6
5 7
4.0 2
3 1 .8
2 6
1 .85
13 .2
5 8
4.0 9
3 2 .4
2 7
1 .92
13 .8
5 9
4.1 6
33
2 8
1 .99
14 .4
6 0
4.2 3
3 3 .6
2 9
2 .06
15
6 1
4 .3
3 4 .2
3 0
2 .13
15 .6
6 2
4.3 7
3 4 .8
3 1
2.2
16 .2
6 3
4.4 4
3 5 .4
3 2
2 .27
16 .8
6 4
4.5 1
36
VOLT AGE OF THE
VOLUME
VOLT AGE OF THE
VOLUME
DC VOLUME CONTROL
02/2012 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com