Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8615 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8615
Description  16W/32W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8615 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8615 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Key Features
Applications
n
n
General Description
T h e PA M 8 6 1 5 i s a v a il a b l e in a T S S O P - 2 4
package.
n 32W/ch into 8ohm BTL Load from 24V
supply (Thermal limited)
16W ch into 4ohm SE Load from 24V
supply
Thermal limited
Operates from 8V to 30V
Supports Multiple Output Configurations
2-Ch Single-ended (half bridge)(16WX2)
1 Ch Bridge tied load
full bridge
32WX1
High efficiency
above 90
64 setp DC Volume Control from
40dB
to 36dB
Singel Ended Analog Inputs
Thermal and Short Circuit Protection
Flexible Frequency Adjustable by external
component
Clock Output for Synchronization With
Multiple Class D Devices
No pop noise for Start up and Shut down
Sequences
Space Saving Surface Mount 24 Pin
TSSOP Package
Pb-Free Package
Televisions
Home sound systems
n
n
n
n
n
n
n
n
n
n
n
n
n
n
/
(
)
:
-
-
-
(
-
) (
)
,
% .
-
-
-
-
-
-
-
-
-
-
The PAM8615 is a 16W 32W
per channel
efficient
Class D
audio
power
amplifier
for
driving
stereo
speakers
in
a
single ended
configuration or mono bridge tied speaker
The
PAM8615 can drive
single ended speakers as
low as 4
Due to the low power dissipation
and high efficiency the device can be used
without any external heat sink when playing
music
Stereo speaker volume is controlled with a dc
voltage applied to the volume control terminal
offering a range of gain from
40 dB to 36 dB
/
(
)
,
-
-
-
.
-
Ω .
.
-
.
1
www.poweranalog.com
02/2012 Rev1.1
Typical Application
,
Power Analog Microelectronics Inc
PAM8615
16W/32W Stereo Class-D Audio Power Amplifier
Single-ended Configuration
PAM86 15
OU T_ A
1
PVC C_ A
2
SH D N
3
MU TE
4
IN _A
5
D GND
6
IN _B
7
VC M
8
D C V
9
MS_S V
1 0
PVC C_ B
1 1
OU T_ B
1 2
OU T_ B
1 3
PGND _ B
1 4
BS T_ B
1 5
VC LAMP
1 6
SY N C
1 7
AGN D
1 8
R OSC
1 9
AVD D
2 0
AVC C
2 1
BS T_ A
2 2
PGND _ A
2 3
OU T_ A
2 4
1 uF
1 uF
0.22 uF
0.22 uF
22 uH
1
2
1 00 0uF
470u F
1u F
1 00k
SHD N
ON
VC C
MU TE
ON
Ri
Ri
IN A
IN B
10uF
0.1u F
V olu me
2
470u F
VC C
2
22 uH
1
2
1 00 0uF
10uF
0.1u F
0 .68 uF
0 .68 uF
VC C
1 uF
1 uF
0 .1u F
1 0u F


Similar Part No. - PAM8615

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8615 DIODES-PAM8615 Datasheet
534Kb / 14P
16W/ 32W STEREO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
More results

Similar Description - PAM8615

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8006 PAM-PAM8006 Datasheet
712Kb / 15P
10W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
2.5W Stereo Class-D Audio Power Amplifier
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
8W Stereo Class-D Audio Power Amplifier
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
12W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8615 DIODES-PAM8615 Datasheet
534Kb / 14P
16W/ 32W STEREO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com