Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8615 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM8615
Description  16W/32W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8615 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM8615 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
,
Power Analog Microelectronics Inc
www.poweranalog.com
Using low-ESR Capacitors
Short-circuit Protection
Thermal Protection
Master-Slave and SYNC Operation
L o w - E S R
c a p a c i t o r s
a r e
r e c o m m e n d e d
throughout this application section. A real (with
respect to ideal) capacitor can be modeled simply
as a resistor in series with an ideal capacitor. The
voltage drop across this resistor minimizes the
beneficial effects of the capacitor in the circuit.
The lower the equivalent value of this resistance
the more the real capacitor behaves as an ideal
capacitor.
The PAM8615 has short circuit protection circuitry
on the outputs to prevent damage to the device
when output-to-output shorts (BTL mode), output-
to-GND shorts, or output-to-VCC shorts occur.
Once a short-circuit is detected on the outputs,
the output drive is immediately disabled. This is a
latched fault and must be reset by cycling the
voltage on the SD pin to a logic low and back to
the logic high state for normal operation. This will
clear the short-circuit flag and allow for normal
operation if the short was removed. If the short
was not removed, the protection circuitry will
again activate.
Thermal protection on the PAM8615 prevents
damage to the device when the internal die
temperature exceeds 160°C. There is a ±15
degree tolerance on this trip point from device to
device. Once the die temperature exceeds the set
thermal point, the device enters into the shutdown
state and the outputs are disabled. This is not a
latched fault. The thermal fault is cleared once the
temperature of the die is reduced by 40°C. The
device begins normal operation at this point
without external system intervention.
The MS/SL and SYNC terminals can be used to
synchronize the frequency of the class-D output
switching. When the MS/SL is high or left floating
due to the internal pull up resistor, the switching
frequency is determined by the ROSC. The SYNC
becomes an output whose source/sink current is
about 0.5mA, and the frequency of this output is
also determined by the ROSC. And this output can
be co nne cte d to a noth er PAM8 615 w ho is
co n f ig u re d in t h e sla ve m o d e . Th e o u tp u t
switching is synchronized to avoid any beat
frequencies that occur in the audio band when two
Class-D amplifiers in the same system are
switching at the slight different frequencies.
When the MS/SL is low, the switching frequency is
determined by the incoming square wave on the
SYNC input. The SNYC becomes an input in this
mode and accept a square wave from another
PAM8615 configured in the master mode or from
an external GPIO.
(Key: MS/SL=”H”, Master Mode, MS/SL=”L”,
Slave Mode)
PAM8615
16W/32W Stereo Class-D Audio Power Amplifier
02/2012 Rev1.1
OUT_L
L 1
1
2
CB1
C1
0
OUT_R
L 2
1
2
CB2
C2
0
MS/SL
SYNC
Rosc
INL
INR
PAM8615
(Master)
"H"=Master
L 3
1
2
OUT+
C3
0
OUT-
L 4
1
2
C4
0
IN-
IN+
PAM8615
(Slave)
SYNC
MS/SL
Rosc
GND=Slave
Rosc
Rosc
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com