Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ2M-CPU33 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # CJ2M-CPU33
Description  Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU33 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button CJ2M-CPU33 Datasheet HTML 10Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 11Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 12Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 13Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 14Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 15Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 16Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 17Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
CJ2M-CPU3
@/-CPU1@/-MD21@
14
Allocating Functions I/O signals
Pulse I/O Module 0 (on the right)
Pulse I/O Module 1 (on the left)
Terminal symbol
IN 00
IN 01
IN 02
IN 03
IN 04
IN 05
IN 06
IN 07
IN 08
IN 09
OUT 00
OUT 01
OUT 02
OUT0 3
OUT 04
OUT 05
Address
2960
2961
Bit
0123
456789
012345
Inputs
Normal inputs
Normal
input 0
Normal
input 1
Normal
input 2
Normal
input 3
Normal
input 4
Normal
input 5
Normal
input 6
Normal
input 7
Normal
input 8
Normal
input 9
---
---
---
---
---
---
Interrupt inputs
(Direct Mode/
Counter Mode)
Interrupt
input 0
Interrupt
input 1
Interrupt
input 2
Interrupt
input 3
---
---
---
---
---
---
---
---
---
---
---
---
Quick response
inputs
Quick
response
input 0
Quick
response
input 1
Quick
response
input 2
Quick
response
input 3
---
---
---
---
---
---
---
---
---
---
---
---
High-speed
counters
---
---
Highspeed
counter 1
(phase- Z/
reset)
Highspeed
counter 0
(phase- Z/
reset)
---
---
High-
speed
counter 1
(phase-A,
increment,
or count
input)
High-
speed
counter 1
(phase-B,
decrement,
or direction
input)
High-
speed
counter 0
(phase-A,
increment,
or count
input)
High-
speed
counter 0
(phase-B,
decrement,
or direction
input)
---
---
---
---
---
---
Out
puts
Normal outputs
---
---
---
---
---
---
---
---
---
---
Normal
output 0
Normal
output 1
Normal
output 2
Normal
output 3
Normal
output 4
Normal
output 5
Pulse
out
puts
CW/CCW
outputs
---
---
---
---
---
---
---
---
---
---
Pulse
output 0
(CW)
Pulse
output 0
(CCW)
Pulse
output 1
(CW)
Pulse
output 1
(CCW)
---
---
Pulse +
direction
outputs
---
---
---
---
---
---
---
---
---
---
Pulse
output 0
pulse)
Pulse
output 1
(pulse)
Pulse
output 0
(direction)
Pulse
output 1
(direction)
---
---
Variable
duty
ratio
outputs
---
---
---
---
---
---
---
---
---
---
---
---
---
---
PWM
output 0
PWM
output 1
Origin search
Origin
search 0
(Origin
Input
Signal)
Origin
search 0
(Origin
Proximity
Input
Signal)
Origin
search 1
(Origin
Input
Signal)
Origin
search 1
(Origin
Proximity
Input
Signal)
Origin
search 0
(Positio
ning
Complet
ed
Signal)
Origin
search 1
(Positio
ning
Complet
ed
Signal)
---
---
---
---
---
---
---
---
Pulse
output 0
error
counter
reset
output
(operatio
n modes
1 and 2)
Pulse
output 1
error
counter
reset
output
(operatio
n modes
1 and 2)
Terminal symbol
IN 10
IN 11
IN 12
IN 13
IN 14
IN 15
IN 16
IN 17
IN 18
IN 19
OUT 10 OUT 11 OUT 12 OUT 13 OUT 14 OUT 15
Address
2962
2963
Bit
0123
456789
012345
Inputs
Normal inputs
Normal
input 10
Normal
input 11
Normal
input 12
Normal
input 13
Normal
input 14
Normal
input 15
Normal
input 16
Normal
input 17
Normal
input 18
Normal
input 19
---
---
---
---
---
---
Interrupt inputs
(Direct Mode/
Counter Mode)
Interrupt
input 4
Interrupt
input 5
Interrupt
input 6
Interrupt
input 7
---
---
---
---
---
---
---
---
---
---
---
---
Quick response
inputs
Quick
response
input 4
Quick
response
input 5
Quick
response
input 6
Quick
response
input 7
---
---
---
---
---
---
---
---
---
---
---
---
High-speed
counters
---
---
Highspeed
counter 3
(phase- Z/
reset)
Highspeed
counter 2
(phase- Z/
reset)
---
---
High-
speed
counter 3
(phase-A,
increment,
or count
input)
High-
speed
counter 3
(phase-B,
decrement,
or direction
input)
High-
speed
counter 2
(phase-A,
increment,
or count
input)
High-
speed
counter 2
(phase-B,
decrement,
or direction
input)
---
---
---
---
---
---
Out
puts
Normal outputs
---
---
---
---
---
---
---
---
---
---
Normal
output 6
Normal
output 7
Normal
output 8
Normal
output 9
Normal
output 10
Normal
output 11
Pulse
out
puts
CW/CCW
outputs
---
---
---
---
---
---
---
---
---
---
Pulse
output 2
(CW)
Pulse
output 2
(CCW)
Pulse
output 3
(CW)
Pulse
output 3
(CCW)
---
---
Pulse +
direction
outputs
---
---
---
---
---
---
---
---
---
---
Pulse
output 2
pulse)
Pulse
output 3
(pulse)
Pulse
output 2
(direction)
Pulse
output 3
(direction)
---
---
Variable
duty
ratio
outputs
---
---
---
---
---
---
---
---
---
---
---
---
---
---
PWM
output 2
PWM
output 3
Origin search
Origin
search 2
(Origin
Input
Signal)
Origin
search 2
(Origin
Proximity
Input
Signal)
Origin
search 3
(Origin
Input
Signal)
Origin
search 3
(Origin
Proximity
Input
Signal)
Origin
search 2
(Positio
ning
Complet
ed
Signal)
Origin
search 3
(Positio
ning
Complet
ed
Signal)
---
---
---
---
---
---
---
---
Pulse
output 2
error
counter
reset
output
(operatio
n modes
1 and 2)
Pulse
output 3
error
counter
reset
output
(operatio
n modes
1 and 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com