Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ2M-CPU33 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # CJ2M-CPU33
Description  Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU33 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button CJ2M-CPU33 Datasheet HTML 13Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 14Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 15Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 16Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 17Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 18Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 19Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 20Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
17
CJ2M-CPU3
@/-CPU1@/-MD21@
Specifications of Pulse I/O Modules
Input Specifications (IN00 to IN09/IN10 to IN19 )
Normal Inputs
Input Circuit Configuration
Interrupt Input and Quick-response Input Specifications (IN00 to IN03 and IN10 to IN13)
Inputs
IN00 to IN05 and
IN10 to IN15
IN06 to IN09 and
IN16 to IN19
IN00 to IN05 and
IN10 to IN15
IN06 to IN09 and
IN16 to IN19
Input form
24 VDC inputs
Line driver inputs
Input current
6.0 mA typical
5.5 mA typical
13 mA typical
10 mA typical
Input voltage range
24 VDC +10%/
−15%
RS-422A or RS-422 line driver (conforming to AM26LS31),
Power supply voltage of 5 V
±5%
Input impedance
3.6 k
Ω
4.0 k
Ω
---
Number of circuits
1 common, 1 circuit
ON voltage/current
17.4 VDC min., 3 mA min.
---
OFF voltage/current
1 mA max. at 5 VDC max.
---
ON response time
8 ms max. (The input time constant can be set to 0, 0.5, 1, 2, 4, 8, 16, or 32 ms in the PLC Setup.)
OFF response time
8 ms max. (The input time constant can be set to 0, 0.5, 1, 2, 4, 8, 16, or 32 ms in the PLC Setup.)
Item
Specifications
Input
IN00 to IN05/IN10 to IN15
IN06 to IN09/IN16 to IN19
Circuit configuration
Item
Specifications
ON response time
30
μs max.
OFF response time
150
μs max.
Response pulse
24 V
LD+
24 V
LD+
30
μs min.
150
μs min.
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com