Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ2M-CPU33 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # CJ2M-CPU33
Description  Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU33 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button CJ2M-CPU33 Datasheet HTML 15Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 16Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 17Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 18Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 19Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 20Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 21Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 22Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
19
CJ2M-CPU3
@/-CPU1@/-MD21@
Output Specifications (OUT00 to OUT05 and OUT10 to OUT15)
Pulse Outputs (OUT00 to OUT03 and OUT10 to OUT13)
PWM Outputs (OUT04, OUT05, OUT14, and OUT15)
Item
Specifications
Output Specifications
Sinking-type (CJ2M-MD211)
Sourcing-type (CJ2M-MD212)
Rated voltage
5 to 24 VDC
Allowable voltage range
4.75 to 26.4 VDC
Maximum switching
current
0.3 A/output, 1.8 A/Unit
Number of circuits
6 outputs (6 outputs/common)
Maximum inrush current
3.0 A/output, 10 ms max.
2.0 A/output, 10 ms max.
Leakage current
0.1 mA max.
Residual voltage
0.6 V max.
ON response time
0.1 ms max.
OFF response time
0.1 ms max.
Fuse
None
External supply power
(power supply input for
outputs)
10.2 to 26.4 VDC, 20 mA min.
Circuit configuration
Item
Specifications
Output Specifications
Sinking-type (CJ2M-MD211)
Sourcing-type (CJ2M-MD212)
Rated voltage
5 to 24 VDC
Allowable voltage range
4.75 to 26.4 VDC
Maximum switching
capacity
30 mA
Minimum switching
capacity
7 mA
Maximum output
frequency
100 kHz
Output waveform
Item
Specifications
Output Specifications
Sinking-type (CJ2M-MD211)
Sourcing-type (CJ2M-MD212)
Rated voltage
5 to 24 VDC
Allowable voltage range
4.75 to 26.4 VDC
Maximum switching
capacity
6.5535 kHz or less: 300 mA, 6.5535 to 32.8 kHz: 100 mA
Maximum output
frequency
32,800 Hz
PWM output accuracy
(for ON pulse width of
2
μs or longer)
ON duty at 6.5535 kHz or less: -0.2% to +1%,
ON duty at 32.8 kHz: -1% to +5%
(at switching current of 30 mA)
ON duty at 6.5535 kHz or less: ±0.5%,
ON duty at 32.8 kHz: +2.5%
(at switching current of 30 mA)
Output waveform
OUT
COM
+V
Isolation
circuit
Rated
voltage
circuit
COM
OUT
Isolation
circuit
Rated
voltage
circuit
90%
10%
ON
OFF
2
μs min.
4
μs min.
90%
10%
OFF
ON
4
μs min.
2
μs min.
ON
OFF
T
t
ON
50%
ON duty =
t
ON
T
X 100%
OFF
ON
T
t
ON
50%
ON duty =
t
ON
T
X 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com