Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SMPP Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # 2SMPP
Description  MEMS Gauge Pressure Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

2SMPP Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button 2SMPP_11 Datasheet HTML 2Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 3Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 4Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 5Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 6Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 7Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 8Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 9Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MEMS Gauge Pressure Sensor
2SMPP
41
Dimensions
Note: All units are in millimeters unless otherwise indicated.
3#1
46
5
PP 0 2
6
7
8
*
*part will be marked “PP03” for 2SMPP-03
4.75
4.00
9.85
3.20
φ0.62
φ3.80
6.15 5.40
1.27 x 2 = 2.54
1.27
1.00
2.00
1.50
2.80
4.75
1.00
The tolerance is ±0.3mm unless otherwise specified.
(1.10)
φ2.60
φ1.80
4-R0.50
0.40
0.25±0.05
6
Icc
5
N-sub
4
Vout (-)
1
Vout (+)
2
NC
3
GND
5.45
4.05
3.30
1.65
(0.90)
0.90
0.45
1.125
1.125
1.65
(1.075)
LOT NUMBER
0.10
0.75
Top view
2SMPP-02
2SMPP-03
Marking



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com