Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SMPP Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # 2SMPP
Description  MEMS Gauge Pressure Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

2SMPP Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button 2SMPP_11 Datasheet HTML 2Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 3Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 4Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 5Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 6Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 7Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 8Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 9Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
42
MEMS Gauge Pressure Sensor
2SMPP
Precautions
■ Precautions for Correct Use
Handling
• Only air can be used as pressure media on the products directly. It
is prohibited to use pressure media including corrosive gases (e.g.
organic solvents gases, sulfur dioxide and hydrogen sulfide gases),
fluid and any other foreign materials.
• The products are not water proof. Please keep dry in use.
• Don't use the products under dew-condensing conditions. Frozen
fluid on sensor chips may also cause fluctuation of sensor output
and other troubles.
• Don't put foreign materials (e.g. a wire or pin) into connecting tube.
It may cause breakage of pressure sensor chips or fluctuation of
sensor output caused by clogging the tube.
• Use the products within rated pressure. Usage at pressure out of
the range may cause breakage.
• Don't use under high-frequency vibration including ultrasonic wave.
• The products may be broken by static electricity. Charged materials
(e.g. a workbench and a floor) and workers must provide measures
against static electricity, including ground connection.
• Overpowering terminals may deform them and detract their solder-
ability. Don't drop or handle the products roughly.
• Don't use the products under humid or dusty condition.
• Terminals connection of pressure sensors must be handled as
directed by a connection diagram.
Environmental Conditions for Transport and Storage
• It is prohibited to keep the products with corrosive gases (e.g.
organic solvents gases, sulfur dioxide and hydrogen sulfide gases).
• The products are not water proof. Please keep dry during storage.
• An anti-static treatment has been applied to the sleeves. Please
note the following points.
1. Getting wet may remove an anti-static treatment and elimi-
nate its effect.
2. The sleeves may feel sticky under hot and humid condition
due to the nature of the anti-static treatment.
3. Anti-static has aging degradation. It is prohibited to keep the
sleeves for more than six months. The sleeves are also non-
reusable.
• Don't keep the products under humid or dusty condition.
Mounting
• Use lands on the printed-circuit boards to which the sensor can be
securely fixed.
• Fix pin No.2 on the printed-circuit boards, not fixed causes fluctua-
tion of sensor output signals.
Soldering
• Due to its small size, the thermal capacity of the pressure sensor is
low. Therefore, take steps to minimize the effects of external heat.
• Dip soldering bath: Max.260
°C, within 10 sec.
• Soldering iron: Max. 260
°C, within 10 sec.
• Do not heat the case of sensor package, heat only terminal.
• Use a non-corrosive resin type of flux. Since the pressure sensor
chip is exposed to the atmosphere, do not allow flux to enter inside.
Cleaning
• Since the pressure sensor chip is exposed to atmosphere, do not
allow cleaning fluid to enter inside.
• Avoid ultrasonic cleaning since this may cause breaks or discon-
nections in the wiring.
Coating
• Do not coat the pressure sensor when it is mounted to the print cir-
cuit board.
• Do not wash the print circuit board after the pressure sensor is
mounted using detergent containing silicone. Otherwise, the deter-
gent may remain on the surface of the pressure sensor.
■ Definitions
1. Offset voltage is defined as the ouput voltage at 0 kPa rated pressure
2. Positive span voltage is defined as the algebraic difference between the output voltage at 50 kPa rated pressure and and the output voltage at
0 kPa rated pressure. (37 kPa and 0 kPa for 2SMPP-02)
3. Negative span voltage is defined as the algebraic difference between the output voltage at -50 kPa rated pressure and the output voltage at 0
kPa rated pressure. (Not applicable for 2SMPP-02)
4. Hysteresis is defined as follows; {The maximum value of difference at the same pressure}/span voltage x 100 %FS
5. Temperature influence of span voltage is defined as follows;
• {Span voltage at 0°C - span voltage at 25°C}/span voltage at 25°C x 100%FS
• {Span voltage at 50°C - span voltage at 25°C}/span voltage at 25°C x 100%FS
• {Span voltage at 85°C - span voltage at 25°C}/span voltage at 25°C x 100%FS - - - does not apply to 2SMPP-02
6. Temperature influence of offset voltage is defined as follows
• {Offset voltage at 0°C - offset voltage at 25°C}/span voltage at 25°C x 100%FS
• {Offset voltage at 50°C - offset voltage at 25°C}/span voltage at 25°C x 100%FS
• {Offset voltage at 85°C - offset voltage at 25°C}/span voltage at 25°C x 100%FS - - - does not apply to 2SMPP-02



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com