Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QG5000XSL9TH Datasheet(PDF) 79 Page - Intel Corporation

Part # QG5000XSL9TH
Description  Intel 5000X Chipset Memory Controller Hub (MCH)
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG5000XSL9TH Datasheet(HTML) 79 Page - Intel Corporation

Back Button QG5000XSL9TH Datasheet HTML 75Page - Intel Corporation QG5000XSL9TH Datasheet HTML 76Page - Intel Corporation QG5000XSL9TH Datasheet HTML 77Page - Intel Corporation QG5000XSL9TH Datasheet HTML 78Page - Intel Corporation QG5000XSL9TH Datasheet HTML 79Page - Intel Corporation QG5000XSL9TH Datasheet HTML 80Page - Intel Corporation QG5000XSL9TH Datasheet HTML 81Page - Intel Corporation QG5000XSL9TH Datasheet HTML 82Page - Intel Corporation QG5000XSL9TH Datasheet HTML 83Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 458 page
background image
Intel® 5000X Chipset Memory Controller Hub (MCH) Datasheet
79
Register Description
3.8.1.5
HDR - Header Type Register
This register identifies the header layout of the configuration space.
Device:
0, 2-3, 8, 9
Function:
0
Offset:
0Eh
Version:
Intel 5000P Chipset, Intel 5000V Chipset, Intel 5000Z Chipset
Device:
4-5
Function:
0
Offset:
0Eh
Version:
Intel 5000Z Chipset
Device:
4-7
Function:
0
Offset:
0Eh
Version:
Intel 5000P Chipset
Device:
16
Function:
0, 2
Offset:
0Eh
Version:
Intel 5000P Chipset, Intel 5000V Chipset, Intel 5000Z Chipset
Device:
17
Function:
0
Offset:
0Eh
Version:
Intel 5000P Chipset, Intel 5000V Chipset, Intel 5000Z Chipset
Device:
21
Function:
0
Offset:
0Eh
Version:
Intel 5000P Chipset, Intel 5000V Chipset, Intel 5000Z Chipset
Device:
22
Function:
0
Offset:
0Eh
Version:
Intel 5000P Chipset
Bit
Attr
Default
Description
7RO
if
(DEV16)
{1h}
else
{0h}
endif
Multi-function Device.
Selects whether this is a multi-function device, that may have alternative
configuration layouts. This bit is hardwired to ‘0’ for devices for the MCH with the
exception of device 16 fn 0-2, which it is set to ‘1’.
6:0
RO
if
(DEV2-7)
{01h}
else
{00h}
endif
Configuration Layout.
This field identifies the format of the configuration header layout for a PCI-to-PCI
bridge from bytes 10h through 3Fh.
For PCI Express Devices 2,3,4,5,6,7 default is 01h, indicating “PCI to PCI Bridge”
For all other Devices: 0,8,9,16,17,21,22 default is 00h, indicating a conventional
type 00h PCI header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com