Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QG5000XSL9TH Datasheet(PDF) 52 Page - Intel Corporation

Part # QG5000XSL9TH
Description  Intel 5000X Chipset Memory Controller Hub (MCH)
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG5000XSL9TH Datasheet(HTML) 52 Page - Intel Corporation

Back Button QG5000XSL9TH Datasheet HTML 48Page - Intel Corporation QG5000XSL9TH Datasheet HTML 49Page - Intel Corporation QG5000XSL9TH Datasheet HTML 50Page - Intel Corporation QG5000XSL9TH Datasheet HTML 51Page - Intel Corporation QG5000XSL9TH Datasheet HTML 52Page - Intel Corporation QG5000XSL9TH Datasheet HTML 53Page - Intel Corporation QG5000XSL9TH Datasheet HTML 54Page - Intel Corporation QG5000XSL9TH Datasheet HTML 55Page - Intel Corporation QG5000XSL9TH Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 458 page
background image
Register Description
52
Intel® 5000X Chipset Memory Controller Hub (MCH) Datasheet
3.5.2
CFGDAT: Configuration Data Register
CFGDAT provides data for the 4 bytes of configuration space defined by CFGADR. This
register is only accessed if there is an access to I/O address, CFCh on the processor bus
and CFGADR.CFGE (configuration enable) bit is set. The byte enables with the I/O
access define how many configuration bytes are accessed.
3.6
MCH Fixed Memory Mapped Registers
These registers are mapped into the fixed chipset specific range located from FE60
0000h - FE6F FFFFh.These appear at fixed addresses to support the boot process.
These registers also appear in the regular PCI Express configuration space.
The following table defines the memory address of the registers in this region.
Table 3-6.
I/O Address: CFCh
Bit
Attr
Default
Description
31:0
RW
0
Configuration Data Window
The data written or read to the configuration register (if any) specified by
CFGADR
Table 3-7.
Mapping for Fixed Memory Mapped Registers
Register
Memory Address
BOFL0
FE60_C000
BOFL1
FE60_C400
BOFL2
FE60_C800
BOFL3
FE60_CC00
SPAD0
FE60_D000
SPAD1
FE60_D400
SPAD2
FE60_D800
SPAD3
FE60_DC00
SPADS0
FE60_E000
SPADS1
FE60_E400
SPADS2
FE60_E800
SPADS3
FE60_EC00
AMBASE[31:0]
FE61_4800
AMBASE[63:32]
FE61_4C00
HECBASE
FE61_6400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com