Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12CE673 Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 101Page - Microchip Technology PIC12CE673 Datasheet HTML 102Page - Microchip Technology PIC12CE673 Datasheet HTML 103Page - Microchip Technology PIC12CE673 Datasheet HTML 104Page - Microchip Technology PIC12CE673 Datasheet HTML 105Page - Microchip Technology PIC12CE673 Datasheet HTML 106Page - Microchip Technology PIC12CE673 Datasheet HTML 107Page - Microchip Technology PIC12CE673 Datasheet HTML 108Page - Microchip Technology PIC12CE673 Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 105
PIC12C67X
TABLE 12-7:
A/D CONVERTER CHARACTERISTICS:
PIC12C671/672-04/PIC12CE673/674-04 (COMMERCIAL, INDUSTRIAL, EXTENDED)
PIC12C671/672-10/PIC12CE673/674-10 (COMMERCIAL, INDUSTRIAL, EXTENDED)
PIC12LC671/672-04/PIC12LCE673/674-04 (COMMERCIAL, INDUSTRIAL)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
—
—
8-bits
bit
VREF = VDD = 5.12V,
VSS
 VAIN  VREF
A02
EABS
Total absolute error
—
—
<
1LSb VREF = VDD = 5.12V,
VSS
 VAIN  VREF
A03
EIL
Integral linearity error
—
—
<
1LSb VREF = VDD = 5.12V,
VSS
 VAIN  VREF
A04
EDL
Differential linearity error
—
—
<
1LSb VREF = VDD = 5.12V,
VSS
 VAIN  VREF
A05
EFS
Full scale error
—
—
<
1LSb VREF = VDD = 5.12V,
VSS
 VAIN  VREF
A06
EOFF
Offset error
—
—
<
1LSb VREF = VDD = 5.12V,
VSS
 VAIN  VREF
A10
—
Monotonicity
—
guaranteed
(Note 3)
——
VSS
 VAIN  VREF
A20
VREF
Reference voltage
2.5V
—
VDD + 0.3
V
A25
VAIN
Analog input voltage
VSS - 0.3
—
VREF + 0.3
V
A30
ZAIN
Recommended impedance of
analog voltage source
——
10.0
k
A40
IAD
A/D conversion
current (VDD)
PIC12C67X
—
180
—
A
Average current con-
sumption when A/D is on.
(Note 1)
PIC12LC67X
—
90
—
A
A50
IREF
VREF input current (Note 2)
10
—
—
—
1000
10
A
A
During VAIN acquisition.
Based on differential of
VHOLD to VAIN to charge
CHOLD, see Section 8.1.
During A/D Conversion
cycle
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
C unless otherwise stated. These parameters are for design guidance only and
are not tested.
Note 1: When A/D is off, it will not consume any current other than minor leakage current. The power-down current spec
includes any such leakage from the A/D module.
2: VREF current is from GP1 pin or VDD pin, whichever is selected as reference input.
3: The A/D conversion result never decreases with an increase in the Input Voltage, and has no missing codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com