Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12CE673 Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 102Page - Microchip Technology PIC12CE673 Datasheet HTML 103Page - Microchip Technology PIC12CE673 Datasheet HTML 104Page - Microchip Technology PIC12CE673 Datasheet HTML 105Page - Microchip Technology PIC12CE673 Datasheet HTML 106Page - Microchip Technology PIC12CE673 Datasheet HTML 107Page - Microchip Technology PIC12CE673 Datasheet HTML 108Page - Microchip Technology PIC12CE673 Datasheet HTML 109Page - Microchip Technology PIC12CE673 Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 130 page
background image
PIC12C67X
DS30561C-page 106
 1997-2013 Microchip Technology Inc.
FIGURE 12-9: A/D CONVERSION TIMING
TABLE 12-8:
A/D CONVERSION REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
130
TAD
A/D clock period
PIC12C67X
1.6
—
—
sTOSC based, VREF  3.0V
PIC12LC67X
2.0
—
—
sTOSC based, VREF full range
PIC12C67X
2.0
4.0
6.0
sA/D RC Mode
PIC12LC67X
3.0
6.0
9.0
sA/D RC Mode
131
TCNV
Conversion time (not including S/H
time) (Note 1)
11
—
11
TAD
132
TACQ
Acquisition time
Note 2
5*
20
—
—
—
s
s
The minimum time is the
amplifier setting time. This
may be used if the "new"
input voltage has not
changed by more than 1 LSb
(i.e., 20.0 mV @ 5.12V) from
the last sampled voltage (as
stated on CHOLD).
134
TGO
Q4 to A/D clock start
—
TOSC/2 §
—
—
If the A/D clock source is
selected as RC, a time of
TCY is added before the A/D
clock starts. This allows the
SLEEP
instruction to be exe-
cuted.
135
TSWC
Switching from convert
 sample time
1.5 §
—
—
TAD
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
C unless otherwise stated. These parameters are for design guidance only and
are not tested.
§
This specification ensured by design.
Note 1: ADRES register may be read on the following TCY cycle.
2: See Section 8.1 for min. conditions.
131
130
132
BSF ADCON0, GO
Q4
A/D CLK
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
SAMPLING STOPPED
DONE
NEW_DATA
(TOSC/2)(1)
7
6
5
432
1
0
Note 1:
If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts. This allows the
SLEEP
instruction to be executed.
1 TCY
134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com