Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12CE673 Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 103Page - Microchip Technology PIC12CE673 Datasheet HTML 104Page - Microchip Technology PIC12CE673 Datasheet HTML 105Page - Microchip Technology PIC12CE673 Datasheet HTML 106Page - Microchip Technology PIC12CE673 Datasheet HTML 107Page - Microchip Technology PIC12CE673 Datasheet HTML 108Page - Microchip Technology PIC12CE673 Datasheet HTML 109Page - Microchip Technology PIC12CE673 Datasheet HTML 110Page - Microchip Technology PIC12CE673 Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 107
PIC12C67X
TABLE 12-9:
EEPROM MEMORY BUS TIMING REQUIREMENTS - PIC12CE673/674
ONLY.
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature 0
C  TA  +70C, Vcc = 3.0V to 5.5V (commercial)
–40
C  TA  +85C, Vcc = 3.0V to 5.5V (industrial)
–40
C  TA  +125C, Vcc = 4.5V to 5.5V (extended)
Operating Voltage VDD range is described in Section 12.1
Parameter
Symbol
Min
Max
Units
Conditions
Clock frequency
FCLK
—
—
—
100
100
400
kHz
4.5V
Vcc  5.5V (E Temp range)
3.0V
Vcc 4.5V
4.5V
Vcc  5.5V
Clock high time
THIGH
4000
4000
600
—
—
—
ns
4.5V
Vcc  5.5V (E Temp range)
3.0V
Vcc 4.5V
4.5V
Vcc  5.5V
Clock low time
TLOW
4700
4700
1300
—
—
—
ns
4.5V
Vcc  5.5V (E Temp range)
3.0V
Vcc 4.5V
4.5V
Vcc  5.5V
SDA and SCL rise time
(Note 1)
TR
—
—
—
1000
1000
300
ns
4.5V
Vcc  5.5V (E Temp range)
3.0V
Vcc 4.5V
4.5V
Vcc  5.5V
SDA and SCL fall time
TF
—
300
ns
(Note 1)
START condition hold time
THD:STA
4000
4000
600
—
—
—
ns
4.5V
Vcc  5.5V (E Temp range)
3.0V
Vcc 4.5V
4.5V
Vcc  5.5V
START condition setup time
TSU:STA
4700
4700
600
—
—
—
ns
4.5V
Vcc  5.5V (E Temp range)
3.0V
Vcc 4.5V
4.5V
Vcc  5.5V
Data input hold time
THD:DAT
0
—
ns
(Note 2)
Data input setup time
TSU:DAT
250
250
100
—
—
—
ns
4.5V
Vcc  5.5V (E Temp range)
3.0V
Vcc 4.5V
4.5V
Vcc  5.5V
STOP condition setup time
TSU:STO
4000
4000
600
—
—
—
ns
4.5V
Vcc  5.5V (E Temp range)
3.0V
Vcc 4.5V
4.5V
Vcc  5.5V
Output valid from clock
(Note 2)
TAA
—
—
—
3500
3500
900
ns
4.5V
Vcc  5.5V (E Temp range)
3.0V
Vcc 4.5V
4.5V
Vcc  5.5V
Bus free time: Time the bus must
be free before a new transmis-
sion can start
TBUF
4700
4700
1300
—
—
—
ns
4.5V
Vcc  5.5V (E Temp range)
3.0V
Vcc 4.5V
4.5V
Vcc  5.5V
Output fall time from VIH
minimum to VIL maximum
TOF
20+0.1
CB
250
ns
(Note 1), CB
100 pF
Input filter spike suppression
(SDA and SCL pins)
TSP
—
50
ns
(Notes 1, 3)
Write cycle time
TWC
—4
ms
Endurance
1M
—
cycles
25
C, VCC = 5.0V, Block Mode (Note 4)
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (min-
imum 300 ns) of the falling edge of SCL and avoid unintended generation of START or STOP conditions.
3: The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4: This parameter is not tested but ensured by characterization. For endurance estimates in a specific applica-
tion, please consult the Total Endurance Model which can be obtained on Microchip’s website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com