Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16C84 Datasheet(PDF) 17 Page - Microchip Technology

Part # 16C84
Description  8-bit CMOS EEPROM Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16C84 Datasheet(HTML) 17 Page - Microchip Technology

Back Button 16C84 Datasheet HTML 13Page - Microchip Technology 16C84 Datasheet HTML 14Page - Microchip Technology 16C84 Datasheet HTML 15Page - Microchip Technology 16C84 Datasheet HTML 16Page - Microchip Technology 16C84 Datasheet HTML 17Page - Microchip Technology 16C84 Datasheet HTML 18Page - Microchip Technology 16C84 Datasheet HTML 19Page - Microchip Technology 16C84 Datasheet HTML 20Page - Microchip Technology 16C84 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 110 page
background image
PIC16C84
 1996-2013 Microchip Technology Inc.
DS30445D-page 17
4.3
Program Counter: PCL and PCLATH
The Program Counter (PC) is 13-bits wide. The low
byte is the PCL register, which is a readable and
writable register. The high byte of the PC (PC<12:8>) is
not directly readable nor writable and comes from the
PCLATH register. The PCLATH (PC latch high) register
is a holding register for PC<12:8>. The contents of
PCLATH are transferred to the upper byte of the
program counter when the PC is loaded with a new
value. This occurs during a CALL, GOTO or a write to
PCL. The high bits of PC are loaded from PCLATH as
shown in Figure 4-6.
FIGURE 4-6:
LOADING OF PC IN
DIFFERENT SITUATIONS
4.3.1
COMPUTED GOTO
A computed GOTO is accomplished by adding an offset
to the program counter (ADDWF
PCL
). When doing a
table read using a computed GOTO method, care should
be exercised if the table location crosses a PCL memory
boundary (each 256 word block). Refer to the application
note
“Implementing a Table Read” (AN556).
4.3.2
PROGRAM MEMORY PAGING
The PIC16C84 has 1K of program memory. The CALL
and GOTO instructions have an 11-bit address range.
This 11-bit address range allows a branch within a 2K
program memory page size. For future PIC16CXX
program memory expansion, there must be another
two bits to specify the program memory page. These
paging
bits
come
from
the
PCLATH<4:3>
bits
(Figure 4-6). When doing a CALL or a GOTO instruction,
the
user
must
ensure
that
these
page
bits
(PCLATH<4:3>) are programmed to the desired
program memory page. If a CALL instruction (or
interrupt) is executed, the entire 13-bit PC is “pushed”
onto the stack (see next section). Therefore, manipula-
tion of the PCLATH<4:3> is not required for the return
instructions (which “pops” the PC from the stack).
4.4
Stack
The PIC16C84 has an 8 deep x 13-bit wide hardware
stack (Figure 4-1). The stack space is not part of either
program or data space and the stack pointer is not
readable or writable.
The entire 13-bit PC is “pushed” onto the stack when a
CALL
instruction is executed or an interrupt is acknowl-
edged. The stack is “popped” in the event of a
RETURN,
RETLW
or a RETFIE instruction execution.
PCLATH is not affected by a push or a pop operation.
The stack operates as a circular buffer. That is, after the
stack has been pushed eight times, the ninth push over-
writes the value that was stored from the first push. The
tenth push overwrites the second push (and so on).
If the stack is effectively popped nine times, the PC
value is the same as the value from the first pop.
PC
12
8 7
0
5
PCLATH<4:0>
PCLATH
INST with PCL
as dest
ALU result
GOTO, CALL
Opcode <10:0>
8
PC
12 11 10
0
11
PCLATH<4:3>
PCH
PCL
87
2
PCLATH
PCH
PCL
Note:
The PIC16C84 ignores the PCLATH<4:3>
bits, which are used for program memory
pages 1, 2 and 3 (0800h - 1FFFh). The use
of PCLATH<4:3> as general purpose R/W
bits is not recommended since this may
affect upward compatibility with future
products.
Note:
There are no instruction mnemonics called
push or pop. These are actions that occur
from the execution of the CALL, RETURN,
RETLW,
and RETFIE instructions, or the
vectoring to an interrupt address.
Note:
There are no status bits to indicate stack
overflow or stack underflow conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com