Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C770 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16C770
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C770 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16C770 Datasheet HTML 35Page - Microchip Technology PIC16C770 Datasheet HTML 36Page - Microchip Technology PIC16C770 Datasheet HTML 37Page - Microchip Technology PIC16C770 Datasheet HTML 38Page - Microchip Technology PIC16C770 Datasheet HTML 39Page - Microchip Technology PIC16C770 Datasheet HTML 40Page - Microchip Technology PIC16C770 Datasheet HTML 41Page - Microchip Technology PIC16C770 Datasheet HTML 42Page - Microchip Technology PIC16C770 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 224 page
background image
 1999-2013 Microchip Technology Inc.
DS41120C-page 39
PIC16C717/770/771
TABLE 3-3:
PORTB FUNCTIONS
TABLE 3-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Function
Input
Type
Output
Type
Description
RB0/AN4/INT
RB0
TTL
CMOS
Bi-directional I/O(1)
AN4
AN
A/D input
INT
ST
Interrupt input
RB1/AN5/SS
RB1
TTL
CMOS
Bi-directional I/O(1)
AN5
AN
A/D input
SS
ST
SSP slave select input
RB2/SCK/SCL
RB2
TTL
CMOS
Bi-directional I/O(1)
SCK
ST
CMOS
Serial clock I/O for SPI
SCL
ST
OD
Serial clock I/O for I2C
RB3/CCP1/P1A
RB3
TTL
CMOS
Bi-directional I/O(1)
CCP1
ST
CMOS
Capture 1 input/Compare 1 output
P1A
CMOS
PWM P1A output
RB4/SDI/SDA
RB4
TTL
CMOS
Bi-directional I/O(1)
SDI
ST
Serial data in for SPI
SDA
ST
OD
Serial data I/O for I2C
RB5/SDO/P1B
RB5
TTL
CMOS
Bi-directional I/O(1)
SDO
CMOS
Serial data out for SPI
P1B
CMOS
PWM P1B output
RB6/T1OSO/T1CKI/P1C
RB6
TTL
CMOS
Bi-directional I/O(1)
T1OSO
XTAL
Crystal/Resonator
T1CKI
CMOS
TMR1 clock input
P1C
CMOS
PWM P1C output
RB7/T1OSI/P1D
RB7
TTL
CMOS
Bi-directional I/O(1)
T1OSI
XTAL
TMR1 crystal/resonator
P1D
CMOS
PWM P1D output
Note 1:
Bit programmable pull-ups.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other
RESETS
06h, 106h PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xx11
uuuu uu11
86h, 186h TRISB
PORTB Data Direction Register
1111 1111
1111 1111
81h, 181h OPTION_REG RBPU INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
95h
WPUB
PORTB Weak Pull-up Control
1111 1111
1111 1111
96h
IOCB
PORTB Interrupt on Change Control
1111 0000
1111 0000
9Dh
ANSEL
—
—
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
--11 1111
--11 1111
Legend: x = unknown, u = unchanged. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com