Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C770 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16C770
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C770 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16C770 Datasheet HTML 1Page - Microchip Technology PIC16C770 Datasheet HTML 2Page - Microchip Technology PIC16C770 Datasheet HTML 3Page - Microchip Technology PIC16C770 Datasheet HTML 4Page - Microchip Technology PIC16C770 Datasheet HTML 5Page - Microchip Technology PIC16C770 Datasheet HTML 6Page - Microchip Technology PIC16C770 Datasheet HTML 7Page - Microchip Technology PIC16C770 Datasheet HTML 8Page - Microchip Technology PIC16C770 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 224 page
background image
 1999-2013 Microchip Technology Inc.
DS41120C-page 1
PIC16C717/770/771
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
Microcontroller Core Features:
• High-performance RISC CPU
• Only 35 single word instructions to learn
• All single cycle instructions except for program
branches which are two cycle
• Operating speed: DC - 20 MHz clock input
DC - 200 ns instruction cycle
• Interrupt capability (up to 10 internal/external
interrupt sources)
• Eight level deep hardware stack
• Direct, indirect and relative addressing modes
• Power-on Reset (POR)
• Power-up Timer (PWRT) and
Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Selectable oscillator options:
- INTRC - Internal RC, dual speed (4 MHz and
37 kHz nominal) dynamically switchable for
power savings
- ER - External resistor, dual speed (user
selectable frequency and 37 kHz nominal)
dynamically switchable for power savings
- EC - External clock
- HS - High speed crystal/resonator
- XT - Crystal/resonator
- LP - Low power crystal
• Low power, high speed CMOS EPROM
technology
• In-Circuit Serial Programming™
(ICSP™
• Wide operating voltage range: 2.5V to 5.5V
• 15 I/O pins with individual control for:
- Direction (15 pins)
- Digital/Analog input (6 pins)
- PORTB interrupt on change (8 pins)
- PORTB weak pull-up (8 pins)
- High voltage open drain (1 pin)
• Commercial and Industrial temperature ranges
• Low power consumption:
- < 2 mA @ 4V, 4 MHz
-11
A typical @ 2.5V, 37 kHz
-< 1
A typical standby current
Pin Diagram
Peripheral Features:
• Timer0: 8-bit timer/counter with 8-bit prescaler
• Timer1: 16-bit timer/counter with prescaler,
can be incremented during SLEEP via external
crystal/clock
• Timer2: 8-bit timer/counter with 8-bit period
register, prescaler and postscaler
• Enhanced Capture, Compare, PWM (ECCP)
module
- Capture is 16-bit, max. resolution is 12.5 ns
- Compare is 16-bit, max. resolution is 200 ns
- PWM max. resolution is 10-bit
- Enhanced PWM:
- Single, Half-Bridge and Full-Bridge Output
modes
- Digitally programmable deadband delay
• Analog-to-Digital converter:
- PIC16C770/771 12-bit resolution
- PIC16C717 10-bit resolution
• On-chip absolute bandgap voltage reference
generator
• Programmable Brown-out Reset (PBOR)
circuitry
• Programmable Low-Voltage Detection (PLVD)
circuitry
• Master Synchronous Serial Port (MSSP) with two
modes of operation:
- 3-wire SPI™ (supports all 4 SPI modes)
-I2C™ compatible including Master mode
support
• Program Memory Read (PMR) capability for look-
up table, character string storage and checksum
calculation purposes
Device
Memory
Pins
A/D
Resolution
A/D
Channels
Program
x14
Data
x8
PIC16C717
2K
256 18, 20
10 bits
6
PIC16C770
2K
256
20
12 bits
6
PIC16C771
4K
256
20
12 bits
6
RB3/CCP1/P1A
RB2/SCK/SCL
RA7/OSC1/CLKIN
RA6/OSC2/CLKOUT
VDD
RB7/T1OSI/P1D
RB6/T1OSO/T1CKI/P1C
RB5/SDO/P1B
RB4/SDI/SDA
RA0/AN0
RA1/AN1/LVDIN
RA4/T0CKI
RA5/MCLR/VPP
VSS
RA2/AN2/VREF-/VRL
RA3/AN3/VREF+/VRH
RB0/AN4/INT
RB1/AN5/SS
1
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
13
12
AVDD
AVSS
10
11
20-Pin PDIP, SOIC, SSOP


Similar Part No. - PIC16C770

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C770 MICROCHIP-PIC16C770 Datasheet
2Mb / 200P
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
1999
PIC16C770 MICROCHIP-PIC16C770 Datasheet
81Kb / 6P
C Silicon/Data Sheet Errata
2002
PIC16C770 MICROCHIP-PIC16C770 Datasheet
94Kb / 6P
PIC16C717/770/771 Rev. C Silicon/Data Sheet Errata
08/01/02
PIC16C770-04/JW MICROCHIP-PIC16C770-04/JW Datasheet
2Mb / 200P
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
1999
PIC16C770-04/P MICROCHIP-PIC16C770-04/P Datasheet
2Mb / 200P
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
1999
More results

Similar Description - PIC16C770

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C717 MICROCHIP-PIC16C717 Datasheet
2Mb / 200P
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
1999
PIC16C77X MICROCHIP-PIC16C77X Datasheet
4Mb / 200P
28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
1999
PIC16C7X MICROCHIP-PIC16C7X Datasheet
2Mb / 288P
8-Bit CMOS Microcontrollers with A/D Converter
1997 - 1999
PIC17C7XX MICROCHIP-PIC17C7XX Datasheet
1Mb / 328P
High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
PIC16LC74B-16 MICROCHIP-PIC16LC74B-16 Datasheet
329Kb / 41P
8-Bit CMOS Microcontrollers with A/D Converter
1999 - 2002
PIC17C7XX MICROCHIP-PIC17C7XX_00 Datasheet
4Mb / 304P
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
2000
PIC16C72 MICROCHIP-PIC16C72_13 Datasheet
1Mb / 128P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16C77X MICROCHIP-PIC16C77X_13 Datasheet
4Mb / 202P
28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
11/29/12
PIC17C7XX MICROCHIP-PIC17C7XX_13 Datasheet
4Mb / 306P
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
11/29/12 1998-2013
PIC16LC63A-04 MICROCHIP-PIC16LC63A-04 Datasheet
1Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com