Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C770 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16C770
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C770 Datasheet(HTML) 2 Page - Microchip Technology

  PIC16C770 Datasheet HTML 1Page - Microchip Technology PIC16C770 Datasheet HTML 2Page - Microchip Technology PIC16C770 Datasheet HTML 3Page - Microchip Technology PIC16C770 Datasheet HTML 4Page - Microchip Technology PIC16C770 Datasheet HTML 5Page - Microchip Technology PIC16C770 Datasheet HTML 6Page - Microchip Technology PIC16C770 Datasheet HTML 7Page - Microchip Technology PIC16C770 Datasheet HTML 8Page - Microchip Technology PIC16C770 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 224 page
background image
PIC16C717/770/771
DS41120C-page 2
 1999-2013 Microchip Technology Inc.
Pin Diagrams
18-Pin PDIP, SOIC
RB3/CCP1/P1A
RB2/SCK/SCL
RA7/OSC1/CLKIN
RA6/OSC2/CLKOUT
VDD
RB7/T1OSI/P1D
RB6/T1OSO/T1CKI/P1C
RB5/SDO/P1B
RB4/SDI/SDA
RA0/AN0
RA1/AN1/LVDIN
RA4/T0CKI
RA5/MCLR/VPP
VSS
RA2/AN2/VREF-/VRL
RA3/AN3/VREF+/VRH
RB0/AN4/INT
RB1/AN5/SS
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
RB3/CCP1/P1A
RB2/SCK/SCL
RA7/OSC1/CLKIN
RA6/OSC2/CLKOUT
VDD(2)
RB7/T1OSI/P1D
RB6/T1OSO/T1CKI/P1C
RB5/SDO/P1B
RB4/SDI/SDA
RA0/AN0
RA1/AN1/LVDIN
RA4/T0CKI
RA5/MCLR/VPP
VSS(1)
RA2/AN2/VREF-/VRL
RA3/AN3/VREF+/VRH
RB0/AN4/INT
RB1/AN5/SS
1
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
13
12
VDD(2)
VSS(1)
10
11
20-Pin SSOP
Note 1: VSS pins 5 and 6 must be tied together.
2: VDD pins 15 and 16 must be tied together.
Key Features
PICmicroTM Mid-Range MCU Family
Reference Manual, (DS33023)
PIC16C717
PIC16C770
PIC16C771
Operating Frequency
DC - 20 MHz
DC - 20 MHz
DC - 20 MHz
RESETS (and Delays)
POR, BOR, MCLR,
WDT (PWRT, OST)
POR, BOR, MCLR,
WDT (PWRT, OST)
POR, BOR, MCLR,
WDT (PWRT, OST)
Program Memory (14-bit words)
2K
2K
4K
Data Memory (bytes)
256
256
256
Interrupts
10
10
10
I/O Ports
Ports A,B
Ports A,B
Ports A,B
Timers
333
Enhanced Capture/Compare/PWM (ECCP)
modules
111
Serial Communications
MSSP
MSSP
MSSP
12-bit Analog-to-Digital Module
–
6 input channels
6 input channels
10-bit Analog-to-Digital Module
6 input channels
––
Instruction Set
35 Instructions
35 Instructions
35 Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com