| Electronic Components Datasheet Search |
|
PIC16CE623 Datasheet(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16CE623 Datasheet(HTML) 44 Page - Microchip Technology |
|
44 / 114 page ![]() PIC16CE62X DS40182D-page 44 1998-2013 Microchip Technology Inc. 8.4 Comparator Response Time Response time is the minimum time, after selecting a new reference voltage or input source, before the comparator output has a valid level. If the internal refer- ence is changed, the maximum delay of the internal voltage reference must be considered when using the comparator outputs, otherwise the maximum delay of the comparators should be used (Table 13-1 ). 8.5 Comparator Outputs The comparator outputs are read through the CMCON register. These bits are read only. The comparator outputs may also be directly output to the RA3 and RA4 I/O pins. When the CM<2:0> = 110, multiplexors in the output path of the RA3 and RA4 pins will switch and the output of each pin will be the unsynchronized output of the comparator. The uncertainty of each of the comparators is related to the input offset voltage and the response time given in the specifications. Figure 8-3 shows the comparator output block diagram. The TRISA bits will still function as an output enable/disable for the RA3 and RA4 pins while in this mode. Note 1: When reading the PORT register, all pins configured as analog inputs will read as a ‘0’. Pins configured as digital inputs will convert an analog input according to the Schmitt Trigger input specification. 2: Analog levels on any pin that is defined as a digital input may cause the input buffer to consume more current than is specified. FIGURE 8-3: COMPARATOR OUTPUT BLOCK DIAGRAM D Q EN To RA3 or RA4 Pin Data Bus RD CMCON Set MULTIPLEX CMIF Bit - + Q CL Port Pins RD CMCON NRESET From Other Comparator EN D |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |