Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302 Datasheet(PDF) 129 Page - Microchip Technology

Part # PIC24F32KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302 Datasheet(HTML) 129 Page - Microchip Technology

Back Button PIC24F32KA302 Datasheet HTML 125Page - Microchip Technology PIC24F32KA302 Datasheet HTML 126Page - Microchip Technology PIC24F32KA302 Datasheet HTML 127Page - Microchip Technology PIC24F32KA302 Datasheet HTML 128Page - Microchip Technology PIC24F32KA302 Datasheet HTML 129Page - Microchip Technology PIC24F32KA302 Datasheet HTML 130Page - Microchip Technology PIC24F32KA302 Datasheet HTML 131Page - Microchip Technology PIC24F32KA302 Datasheet HTML 132Page - Microchip Technology PIC24F32KA302 Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 129
PIC24FV32KA304 FAMILY
REGISTER 10-1:
DSCON: DEEP SLEEP CONTROL REGISTER(1)
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
DSEN
—
—
—
—
—
—RTCCWDIS
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/C-0, HS
—
—
—
—
—
ULPWUDIS
DSBOR(2)
RELEASE
bit 7
bit 0
Legend:
C = Clearable bit
HS = Hardware Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
DSEN: Deep Sleep Enable bit
1 = Enters Deep Sleep on execution of PWRSAV #0
0 = Enters normal Sleep on execution of PWRSAV #0
bit 14-9
Unimplemented: Read as ‘0’
bit 8
RTCCWDIS: RTCC Wake-up Disable bit
1 = Wake-up from Deep Sleep with RTCC disabled
0 = Wake-up from Deep Sleep with RTCC enabled
bit 7-3
Unimplemented: Read as ‘0’
bit 2
ULPWUDIS: ULPWU Wake-up Disable bit
1 = Wake-up from Deep Sleep with ULPWU disabled
0 = Wake-up from Deep Sleep with ULPWU enabled
bit 1
DSBOR: Deep Sleep BOR Event bit(2)
1 = The DSBOR was active and a BOR event was detected during Deep Sleep
0 = The DSBOR was not active or was active but did not detect a BOR event during Deep Sleep
bit 0
RELEASE: I/O Pin State Release bit
1 = Upon waking from Deep Sleep, I/O pins maintain their previous states to Deep Sleep entry
0 = Release I/O pins from their state previous to Deep Sleep entry, and allow their respective TRISx and
LATx bits to control their states
Note 1:
All register bits are only reset in the case of a POR event outside of Deep Sleep mode.
2:
Unlike all other events, a Deep Sleep BOR event will NOT cause a wake-up from Deep Sleep; this
re-arms POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com