Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302 Datasheet(PDF) 153 Page - Microchip Technology

Part # PIC24F32KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302 Datasheet(HTML) 153 Page - Microchip Technology

Back Button PIC24F32KA302 Datasheet HTML 149Page - Microchip Technology PIC24F32KA302 Datasheet HTML 150Page - Microchip Technology PIC24F32KA302 Datasheet HTML 151Page - Microchip Technology PIC24F32KA302 Datasheet HTML 152Page - Microchip Technology PIC24F32KA302 Datasheet HTML 153Page - Microchip Technology PIC24F32KA302 Datasheet HTML 154Page - Microchip Technology PIC24F32KA302 Datasheet HTML 155Page - Microchip Technology PIC24F32KA302 Datasheet HTML 156Page - Microchip Technology PIC24F32KA302 Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 153
PIC24FV32KA304 FAMILY
15.2
Compare Operations
In Compare mode (Figure 15-1), the output compare
module can be configured for single-shot or continuous
pulse generation. It can also repeatedly toggle an
output pin on each timer event.
To set up the module for compare operations:
1.
Calculate the required values for the OCxR and
(for Double Compare modes) OCxRS Duty
Cycle registers:
a)
Determine the instruction clock cycle time.
Take into account the frequency of the
external clock to the timer source (if one is
used) and the timer prescaler settings.
b)
Calculate the time to the rising edge of the
output pulse relative to the timer start value
(0000h).
c)
Calculate the time to the falling edge of the
pulse, based on the desired pulse width and
the time to the rising edge of the pulse.
2.
Write the rising edge value to OCxR and the
falling edge value to OCxRS.
3.
For Trigger mode operations, set OCTRIG to
enable Trigger mode. Set or clear TRIGMODE
to
configure
the
trigger
operation
and
TRIGSTAT to select a hardware or software
trigger. For Synchronous mode, clear OCTRIG.
4.
Set the SYNCSEL<4:0> bits to configure the
trigger or synchronization source. If free-running
timer operation is required, set the SYNCSELx
bits to ‘00000’ (no Sync/trigger source).
5.
Select
the
time
base
source
with
the
OCTSEL<2:0> bits. If the desired clock source is
running, set the OCTSEL<2:0> bits before the
output compare module is enabled for proper
synchronization with the desired clock source. If
necessary, set the TON bit for the selected timer
which enables the compare time base to count.
Synchronous mode operation starts as soon as
the synchronization source is enabled; Trigger
mode operation starts after a trigger source event
occurs.
6.
Set the OCM<2:0> bits for the appropriate
compare operation (‘0xx’).
For 32-bit cascaded operation, these steps are also
necessary:
1.
Set
the
OC32
bits
for
both
registers
(OCyCON2<8> and (OCxCON2<8>). Enable
the even numbered module first to ensure the
modules will start functioning in unison.
2.
Clear the OCTRIG bit of the even module
(OCyCON2), so the module will run in
Synchronous mode.
3.
Configure the desired output and Fault settings
for OCy.
4.
Force the output pin for OCx to the output state
by clearing the OCTRIS bit.
5.
If Trigger mode operation is required, configure
the trigger options in OCx by using the OCTRIG
(OCxCON2<7>), TRIGSTAT (OCxCON2<6>)
and SYNCSELx (OCxCON2<4:0>) bits.
6.
Configure the desired Compare or PWM mode
of operation (OCM<2:0>) for OCy first, then for
OCx.
Depending on the output mode selected, the module
holds the OCx pin in its default state and forces a
transition to the opposite state when OCxR matches
the timer. In Double Compare modes, OCx is forced
back to its default state when a match with OCxRS
occurs. The OCxIF interrupt flag is set after an OCxR
match in Single Compare modes and after each
OCxRS match in Double Compare modes.
Single-shot pulse events only occur once, but may be
repeated by simply rewriting the value of the
OCxCON1 register. Continuous pulse events continue
indefinitely until terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com