Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302-I/ML Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC24F32KA302-I/ML
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302-I/ML Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC24F32KA302-I/ML Datasheet HTML 75Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 76Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 77Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 78Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 79Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 80Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 81Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 82Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 79
PIC24FV32KA304 FAMILY
REGISTER 8-1:
SR: ALU STATUS REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R-0, HSC
—
—
—
—
—
—
—
DC(1)
bit 15
bit 8
R/W-0, HSC R/W-0, HSC R/W-0, HSC
R-0, HSC
R/W-0, HSC R/W-0, HSC R/W-0, HSC R/W-0, HSC
IPL2(2,3)
IPL1(2,3)
IPL0(2,3)
RA(1)
N(1)
OV(1)
Z(1)
C(1)
bit 7
bit 0
Legend:
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-9
Unimplemented: Read as ‘0’
bit 7-5
IPL<2:0>: CPU Interrupt Priority Level Status bits(2,3)
111 = CPU Interrupt Priority Level is 7 (15); user interrupts are disabled
110 = CPU Interrupt Priority Level is 6 (14)
101 = CPU Interrupt Priority Level is 5 (13)
100 = CPU Interrupt Priority Level is 4 (12)
011 = CPU Interrupt Priority Level is 3 (11)
010 = CPU Interrupt Priority Level is 2 (10)
001 = CPU Interrupt Priority Level is 1 (9)
000 = CPU Interrupt Priority Level is 0 (8)
Note 1:
See Register 3-1 for the description of these bits, which are not dedicated to interrupt control functions.
2:
The IPL<2:0> bits are concatenated with the IPL3 bit (CORCON<3>) to form the CPU Interrupt Priority
Level. The value in parentheses indicates the Interrupt Priority Level if IPL3 = 1.
3:
The IPLx Status bits are read-only when NSTDIS (INTCON1<15>) = 1.
Note:
Bit 8 and bits 4 through 0 are described in Section 3.0 “CPU”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com