Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302-I/ML Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC24F32KA302-I/ML
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302-I/ML Datasheet(HTML) 1 Page - Microchip Technology

  PIC24F32KA302-I/ML Datasheet HTML 1Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 2Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 3Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 4Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 5Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 6Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 7Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 8Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 1
PIC24FV32KA304 FAMILY
Power Management Modes
• Run – CPU, Flash, SRAM and Peripherals On
• Doze – CPU Clock Runs Slower than Peripherals
• Idle – CPU Off, Flash, SRAM and Peripherals On
• Sleep – CPU, Flash and Peripherals Off, and
SRAM On
• Deep Sleep – CPU, Flash, SRAM and Most Peripherals
Off; Multiple Autonomous Wake-up Sources
• Low-Power Consumption:
- Run mode currents down to 8 μA, typical
- Idle mode currents down to 2.2 μA, typical
- Deep Sleep mode currents down to 20 nA, typical
- Real-Time Clock/Calendar currents down to
700 nA, 32 kHz, 1.8V
- Watchdog Timer is 500 nA, 1.8V typical
High-Performance CPU
• Modified Harvard Architecture
• Up to 16 MIPS Operation @ 32 MHz
• 8 MHz Internal Oscillator with 4x PLL Option and
Multiple Divide Options
• 17-Bit by 17-Bit Single-Cycle Hardware Multiplier
• 32-Bit by 16-Bit Hardware Divider, 16-Bit x 16-Bit
Working Register Array
• C Compiler Optimized Instruction Set Architecture
Peripheral Features
• Hardware Real-Time Clock and Calendar (RTCC):
- Provides clock, calendar and alarm functions
- Can run in Deep Sleep mode
- Can use 50/60 Hz power line input as clock source
• Programmable 32-Bit Cyclic Redundancy Check
(CRC)
• Multiple Serial Communication modules:
- Two 3/4-wire SPI modules
-Two I2C™ modules with multi-master/slave support
- Two UART modules supporting RS-485, RS-232,
LIN/J2602, IrDA®
• Five 16-Bit Timers/Counters with Programmable
Prescaler:
- Can be paired as 32-bit timers/counters
• Three 16-Bit Capture Inputs with Dedicated Timers
• Three 16-Bit Compare/PWM Outputs with Dedicated
Timers
• Configurable Open-Drain Outputs on Digital I/O Pins
• Up to Three External Interrupt Sources
Analog Features
• 12-Bit, Up to 16-Channel Analog-to-Digital Converter:
- 100 ksps conversion rate
- Conversion available during Sleep and Idle
- Auto-sampling, timer-based option for Sleep and
Idle modes
- Wake on auto-compare option
• Dual Rail-to-Rail Analog Comparators with
Programmable Input/Output Configuration
• On-Chip Voltage Reference
• Internal Temperature Sensor
• Charge Time Measurement Unit (CTMU):
- Used for capacitance sensing, 16 channels
- Time measurement, down to 200 ps resolution
- Delay/pulse generation, down to 1 ns resolution
Special Microcontroller Features
• Wide Operating Voltage Range:
- 1.8V to 3.6V (PIC24F devices)
- 2.0V to 5.5V (PIC24FV devices)
• Low-Power Wake-up Sources and Supervisors:
- Ultra Low-Power Wake-up (ULPWU) for
Sleep/Deep Sleep
- Low-Power Watchdog Timer (DSWDT) for
Deep Sleep
- Extreme Low-Power Brown-out Reset (DSBOR)
for Deep Sleep, LPBOR for all other modes
• System Frequency Range Declaration bits:
- Declaring the frequency range optimizes the
current consumption.
• Standard Watchdog Timer (WDT) with On-Chip,
Low-Power RC Oscillator for Reliable Operation
• Programmable High/Low-Voltage Detect (HLVD)
• Standard Brown-out Reset (BOR) with 3 Programmable
Trip Points that can be Disabled in Sleep
• High-Current Sink/Source (18 mA/18 mA) on All I/O Pins
• Flash Program Memory:
- Erase/write cycles: 10,000 minimum
- 40 years’ data retention minimum
• Data EEPROM:
- Erase/write cycles: 100,000 minimum
- 40 years’ data retention minimum
• Fail-Safe Clock Monitor (FSCM)
• Programmable Reference Clock Output
• Self-Programmable under Software Control
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Debug (ICD) via 2 Pins
20/28/44/48-Pin, General Purpose, 16-Bit Flash
Microcontrollers with XLP Technology


Similar Part No. - PIC24F32KA302-I/ML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F32KA302 MICROCHIP-PIC24F32KA302 Datasheet
2Mb / 320P
20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC24F32KA302 MICROCHIP-PIC24F32KA302 Datasheet
2Mb / 320P
20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
02/18/11
More results

Similar Description - PIC24F32KA302-I/ML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
3Mb / 254P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304 Datasheet
2Mb / 322P
20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_1 Datasheet
2Mb / 320P
20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC24F16KA102 MICROCHIP-PIC24F16KA102_11 Datasheet
2Mb / 278P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2008-2011
PIC16F1516 MICROCHIP-PIC16F1516_12 Datasheet
6Mb / 376P
28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1516-I MICROCHIP-PIC16F1516-I Datasheet
6Mb / 376P
28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC24FV32KA304-I MICROCHIP-PIC24FV32KA304-I Datasheet
2Mb / 320P
20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
02/18/11
PIC16F1519-I MICROCHIP-PIC16F1519-I Datasheet
6Mb / 376P
28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC24F08KA102-I MICROCHIP-PIC24F08KA102-I Datasheet
2Mb / 278P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
08/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com