Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9943KCPRL Datasheet(PDF) 4 Page - Analog Devices

Part # AD9943KCPRL
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9943KCPRL Datasheet(HTML) 4 Page - Analog Devices

  AD9943KCPRL Datasheet HTML 1Page - Analog Devices AD9943KCPRL Datasheet HTML 2Page - Analog Devices AD9943KCPRL Datasheet HTML 3Page - Analog Devices AD9943KCPRL Datasheet HTML 4Page - Analog Devices AD9943KCPRL Datasheet HTML 5Page - Analog Devices AD9943KCPRL Datasheet HTML 6Page - Analog Devices AD9943KCPRL Datasheet HTML 7Page - Analog Devices AD9943KCPRL Datasheet HTML 8Page - Analog Devices AD9943KCPRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD9943/AD9944
Rev. B | Page 4 of 20
AD9943 SYSTEM SPECIFICATIONS
TMIN to TMAX, AVDD = DVDD = DRVDD = 3 V, fSAMP = 25 MHz, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Conditions
CDS
Maximum Input Range before Saturation1
1.0
V p-p
Allowable CCD Reset Transient
1
500
mV
See input waveform in footnote.
Maximum CCD Black Pixel Amplitude
1
100
mV
VARIABLE GAIN AMPLIFIER (VGA)
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
Minimum Gain
5.3
dB
See Figure 13 for VGA gain curve.
Maximum Gain
40
41.5
dB
See Variable Gain Amplifier section for VGA
gain equation.
BLACK LEVEL CLAMP
Clamp Level Resolution
256
Steps
Clamp Level
Measured at ADC output.
Minimum Clamp Level
0
LSB
Maximum Clamp Level
63.75
LSB
A/D CONVERTER
Resolution
10
Bits
Differential Nonlinearity (DNL)
±0.3
LSB
No Missing Codes
Guaranteed
Data Output Coding
Straight binary
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
2.0
V
Reference Bottom Voltage (REFB)
1.0
V
SYSTEM PERFORMANCE
Specifications include entire signal chain.
Gain Range
Low Gain (VGA Code = 0)
5.3
dB
Maximum Gain (VGA Code = 1023)
40
41.5
dB
Gain Accuracy
±1
dB
Peak Nonlinearity 500 mV Input Signal
0.1
%
12 dB gain applied.
Total Output Noise
0.3
LSB rms
AC grounded input, 6 dB gain applied.
Power Supply Rejection (PSR)
50
dB
Measured with step change on supply.
1 Input signal characteristics defined as follows:
100mV TYP
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
1V TYP
INPUT SIGNAL RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com