Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9943KCPRL Datasheet(PDF) 10 Page - Analog Devices

Part # AD9943KCPRL
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9943KCPRL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9943KCPRL Datasheet HTML 6Page - Analog Devices AD9943KCPRL Datasheet HTML 7Page - Analog Devices AD9943KCPRL Datasheet HTML 8Page - Analog Devices AD9943KCPRL Datasheet HTML 9Page - Analog Devices AD9943KCPRL Datasheet HTML 10Page - Analog Devices AD9943KCPRL Datasheet HTML 11Page - Analog Devices AD9943KCPRL Datasheet HTML 12Page - Analog Devices AD9943KCPRL Datasheet HTML 13Page - Analog Devices AD9943KCPRL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD9943/AD9944
Rev. B | Page 10 of 20
TERMINOLOGY
Differential Nonlinearity (DNL)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Therefore
every code must have a finite width. No missing codes
guaranteed to 10-bit resolution indicates that all 1024 codes,
respectively, must be present over all operating conditions.
Peak Nonlinearity
Peak nonlinearity, a full-signal chain specification, refers to the
peak deviation of the output of the AD9943/AD9944 from a
true straight line. The point used as zero scale occurs 1/2 LSB
before the first code transition. Positive full scale is defined as a
level 1 1/2 LSB beyond the last code transition. The deviation is
measured from the middle of each particular output code to the
true straight line. The error is then expressed as a percentage of
the 2 V ADC full-scale signal. The input signal is always
appropriately gained up to fill the ADC’s full-scale range.
Total Output Noise
The rms output noise is measured using histogram techniques.
The standard deviation of the ADC output codes is calculated
in LSB and represents the rms noise level of the total signal
chain at the specified gain setting. The output noise can be
converted to an equivalent voltage, using the relationship
()
codes
Scale
Full
ADC
N
2
LSB
1
=
where N is the bit resolution of the ADC. For example, 1 LSB of
the AD9943 is 1.95 mV.
Power Supply Rejection (PSR)
The PSR is measured with a step change applied to the supply
pins. This represents a very high frequency disturbance on the
AD9943/AD9944’s power supply. The PSR specification is
calculated from the change in the data outputs for a given
step change in the supply voltage.
Internal Delay for SHP/SHD
The internal delay (also called aperture delay) is the time delay
that occurs from the time a sampling edge is applied to the
AD9943/AD9944 until the actual sample of the input signal is
held. Both SHP and SHD sample the input signal during the
transition from low to high, so the internal delay is measured
from each clock’s rising edge to the instant the actual internal
sample is taken.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com