Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9943KCPRL Datasheet(PDF) 12 Page - Analog Devices

Part # AD9943KCPRL
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9943KCPRL Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9943KCPRL Datasheet HTML 8Page - Analog Devices AD9943KCPRL Datasheet HTML 9Page - Analog Devices AD9943KCPRL Datasheet HTML 10Page - Analog Devices AD9943KCPRL Datasheet HTML 11Page - Analog Devices AD9943KCPRL Datasheet HTML 12Page - Analog Devices AD9943KCPRL Datasheet HTML 13Page - Analog Devices AD9943KCPRL Datasheet HTML 14Page - Analog Devices AD9943KCPRL Datasheet HTML 15Page - Analog Devices AD9943KCPRL Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD9943/AD9944
Rev. B | Page 12 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
SAMPLE RATE (MHz)
100
50
25
15
10
80
20
90
70
60
VDD = 3.3V
VDD = 3.0V
VDD = 2.7V
40
Figure 7. AD9943/AD9944 Power vs. Sample Rate
0
1000
400
200
600
800
0
–0.50
0.50
0.25
–0.25
Figure 8. AD9943 Typical DNL Performance
0.50
0.25
0
–0.25
–0.50
0
800
1600
2400
3200
4000
Figure 9. AD9944 Typical DNL Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com