Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST38VF6402B Datasheet(PDF) 9 Page - Microchip Technology

Part # SST38VF6402B
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402B Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST38VF6402B Datasheet HTML 5Page - Microchip Technology SST38VF6402B Datasheet HTML 6Page - Microchip Technology SST38VF6402B Datasheet HTML 7Page - Microchip Technology SST38VF6402B Datasheet HTML 8Page - Microchip Technology SST38VF6402B Datasheet HTML 9Page - Microchip Technology SST38VF6402B Datasheet HTML 10Page - Microchip Technology SST38VF6402B Datasheet HTML 11Page - Microchip Technology SST38VF6402B Datasheet HTML 12Page - Microchip Technology SST38VF6402B Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS25002B-page 9
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
Write cycles must be issued or the operation will abort.
Each Write cycle decrements the Write-Buffer counter,
even if two or more of the Write cycles have identical
address values. Only the final data loaded for each buf-
fer location is held in the Write-Buffer.
Once the Write-to-Buffer command sequence is com-
pleted, the Program Buffer-to-Flash command should
be issued to program the Write-Buffer contents to the
specified block in memory. The block address (i.e. A21
- A15) in this command must match the block address
in the 4th write cycle of the Write-to-Buffer command or
the operation aborts. See Table 5-2 for details on Write-
to-Buffer and Program-Buffer-to-Flash commands.
While issuing these command sequences, the Write-
Buffer Programming Abort detection bit (DQ1) indi-
cates if the operation has aborted. There are several
cases in which the device can abort:
• In the fourth write cycle of the Write-to-Buffer
command, if the WC is greater than 15, the opera-
tion aborts.
• In the fifth and all subsequent cycles of the Write-
to-Buffer command, if the address values, A21 -
A4, are not identical, the operation aborts.
• If the number of write cycles between the fifth to
the last cycle of the Write-to-Buffer command is
greater than WC +1, the operation aborts.
• After completing the Write-to-Buffer command
sequence, issuing any command other than the
Program Buffer-to-Flash command, aborts the
operation.
• Loading a block address, i.e. A21-A15, in the Pro-
gram Buffer-to-Flash command that does not
match the block address used in the Write-to-Buf-
fer command aborts the operation.
If the Write-to-Buffer or Program Buffer-to-Flash opera-
tion aborts, then DQ1 = 1 and the device enters Write-
Buffer-Abort mode. To execute another operation, a
Write-to-Buffer Abort-Reset command must be issued
to clear DQ1 and return the device to standard read
mode.
After the Write-to-Buffer and Program Buffer-to-Flash
commands are successfully issued, the programming
operation can be monitored using Data# Polling, Tog-
gle Bits, and RY/BY#.
4.5
Block-Erase Operations
The Block-Erase operation allows the system to erase
the device on a block-by-block basis.
The Block-Erase architecture is based on block size of
32 KWords. In SST38VF6401B and SST38VF6402B
devices, the Block-Erase command can erase any
32KWord Block (B0-B127). For the non-uniform boot
block devices, SST38VF6403B and SST38VF6404B,
the Block-Erase command can erase any 32 KWord
block except the block that contains the boot area. In
the boot area, Block-Erase only erases a 4KWord
block.
The Block-Erase operation is initiated by executing a
six-byte command sequence with Block-Erase com-
mand (30H) and block address (BA) in the last bus
cycle. The block address is latched on the falling edge
of the sixth WE# pulse, while the command (30H) is
latched on the rising edge of the sixth WE# pulse. The
internal Erase operation begins after the sixth WE#
pulse. The End-of-Erase operation can be determined
using either Data# Polling or Toggle Bit methods. The
RY/BY# pin can also be used to monitor the erase
operation. For more information, see Figure 6-10 for
timing waveforms and Figure 6-24 for the flowchart.
Any commands, other than Erase-Suspend, issued
during the Block-Erase operation are ignored. Any
attempt to Block-Erase memory inside a block pro-
tected by Volatile Block Protection, Non-Volatile Block
Protection, or WP# (low) will be ignored. During the
command sequence, WP# should be statically held
high or low.
4.6
Erase-Suspend/Erase-Resume
Commands
The Erase-Suspend operation temporarily suspends a
Block-Erase operation thus allowing data to be read or
programmed into any block that is not engaged in an
Erase operation. The operation is executed with a one-
byte command sequence with Erase-Suspend com-
mand (B0H). The device automatically enters read
mode within 20 µs (max) after the Erase-Suspend com-
mand had been issued. Valid data can be read, using a
Read or Page Read operation, from any block that is
not being erased. Reading at an address location
within Erase-Suspended blocks will output DQ2 tog-
gling and DQ6 at ‘1’. While in Erase-Suspend, a Word-
Program or Write-Buffer Programming operation is
allowed anywhere except the block selected for Erase-
Suspend.
To resume a suspended Block-Erase operation, the
system must issue the Erase-Resume command. The
operation is executed by issuing one byte command
sequence with Erase-Resume command (30H) at any
address in the last Byte sequence.
When an erase operation is suspended, or re-sus-
pended, after resume the cumulative time needed for
the erase operation to complete is greater than the
erase time of a non-suspended erase operation. If the
hold time from Erase-Resume to the next Erase- Sus-
pend operation is less than 200µs, the accumulative
erase time can become very long Therefore, after issu-
ing an Erase-Resume command, the system must wait
at least 200µs before issuing another Erase-Suspend
command. The Erase-Resume command will be
ignored until any program operations initiated during
Erase-Suspend are complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com