Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST38VF6402B Datasheet(PDF) 1 Page - Microchip Technology

Part # SST38VF6402B
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402B Datasheet(HTML) 1 Page - Microchip Technology

  SST38VF6402B Datasheet HTML 1Page - Microchip Technology SST38VF6402B Datasheet HTML 2Page - Microchip Technology SST38VF6402B Datasheet HTML 3Page - Microchip Technology SST38VF6402B Datasheet HTML 4Page - Microchip Technology SST38VF6402B Datasheet HTML 5Page - Microchip Technology SST38VF6402B Datasheet HTML 6Page - Microchip Technology SST38VF6402B Datasheet HTML 7Page - Microchip Technology SST38VF6402B Datasheet HTML 8Page - Microchip Technology SST38VF6402B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS25002B-page 1
Features
• Organized as 4M x16
• Single Voltage Read and Write Operations
- 2.7-3.6V
• Superior Reliability
- Endurance: 100,000 Cycles minimum
- Greater than 100 years Data Retention
• Low Power Consumption (typical values at 5 MHz)
- Active Current: 25 mA (typical)
- Standby Current: 5 µA (typical)
- Auto Low Power Mode: 5 µA (typical)
• 128-bit Unique ID
• Security-ID Feature
- 248 Word, user One-Time-Programmable
• Protection and Security Features
- Hardware Boot Block Protection/WP# Input Pin,
Uniform (32 KWord), and Non-Uniform
(8 KWord) options available
- User-controlled individual block (32 KWord) pro-
tection, using software only methods
- Password protection
• Hardware Reset Pin (RST#)
• Fast Read and Page Read Access Times:
- 70 ns Read access time
- 25 ns Page Read access times
- 8-Word Page Read buffer
• Latched Address and Data
• Fast Erase Times:
- Block-Erase Time: 18 ms (typical)
- Chip-Erase Time: 40 ms (typical)
• Erase-Suspend/-Resume Capabilities
• Fast Word and Write-Buffer Programming Times:
- Word-Program Time: 7 µs (typical)
- Write Buffer Programming Time: 1.75 µs / Word
(typical)
- 16-Word Write Buffer
• Automatic Write Timing
- Internal VPP Generation
• End-of-Write Detection
- Toggle Bits
- Data# Polling
- RY/BY# Output
• CMOS I/O Compatibility
• JEDEC Standard
- Flash EEPROM Pinouts and command sets
•CFI Compliant
• Packages Available
- 48-lead TSOP
- 48-ball TFBGA
• All non-Pb (lead-free) devices are RoHS compliant
Description
The SST38VF6401B, SST38VF6402B, SST38VF6403B,
and SST38VF6404B devices are 4M x16 CMOS
Advanced Multi-Purpose Flash Plus (Advanced MPF+)
manufactured with Microchip proprietary, high-perfor-
mance CMOS SuperFlash technology. The split-gate cell
design and thick-oxide tunneling injector attain better reli-
ability and manufacturability compared with alternate
approaches. The SST38VF6401B/6402B/6403B/6404B
write (Program or Erase) with a 2.7-3.6V power supply.
These devices conform to JEDEC standard pin assign-
ments for x16 memories.
Featuring
high
performance
Word-Program,
the
SST38VF6401B/6402B/6403B/6404B provide a typical
Word-Program time of 7 µsec. For faster word-pro-
gramming performance, the Write-Buffer Programming
feature, has a typical word-program time of 1.75 µsec.
These devices use Toggle Bit, Data# Polling, or the RY/
BY# pin to indicate Program operation completion. In
addition to single-word Read, Advanced MPF+ devices
provide a Page-Read feature that enables a faster
word read time of 25 ns, eight words on the same page.
To
protect
against
inadvertent
write,
the
SST38VF6401B/6402B/6403B/6404B have
on-chip
hardware and Software Data Protection schemes.
Designed, manufactured, and tested for a wide spec-
trum of applications, these devices are available with
100,000 cycles minimum endurance. Data retention is
rated at greater than 100 years.
The SST38VF6401B/6402B/6403B/6404B are suited for
applications that require the convenient and economi-
cal updating of program, configuration, or data mem-
ory. For all system applications, Advanced MPF+
significantly improve performance and reliability, while
lowering power consumption. These devices inherently
use less energy during Erase and Program than alter-
native flash technologies. The total energy consumed
is a function of the applied voltage, current, and time of
application. For any given voltage range, the Super-
Flash technology uses less current to program and has
SST38VF6401B / SST38VF6402B
SST38VF6403B / SST38VF6404B
64 Mbit (x16) Advanced Multi-Purpose Flash Plus


Similar Part No. - SST38VF6402B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST38VF6402B MICROCHIP-SST38VF6402B Datasheet
1Mb / 56P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6402B-70I/CD MICROCHIP-SST38VF6402B-70I/CD Datasheet
1Mb / 56P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6402B-70I/TV MICROCHIP-SST38VF6402B-70I/TV Datasheet
1Mb / 56P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6402BT-70I/CD MICROCHIP-SST38VF6402BT-70I/CD Datasheet
1Mb / 56P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6402BT-70I/TV MICROCHIP-SST38VF6402BT-70I/TV Datasheet
1Mb / 56P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
More results

Similar Description - SST38VF6402B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST38VF6401 MICROCHIP-SST38VF6401 Datasheet
793Kb / 64P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
SST38VF6401B MICROCHIP-SST38VF6401B_V01 Datasheet
1Mb / 56P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401 MICROCHIP-SST38VF6401_V01 Datasheet
7Mb / 66P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com