Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8115ASTZ2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8115ASTZ2
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115ASTZ2 Datasheet(HTML) 4 Page - Analog Devices

  AD8115ASTZ2 Datasheet HTML 1Page - Analog Devices AD8115ASTZ2 Datasheet HTML 2Page - Analog Devices AD8115ASTZ2 Datasheet HTML 3Page - Analog Devices AD8115ASTZ2 Datasheet HTML 4Page - Analog Devices AD8115ASTZ2 Datasheet HTML 5Page - Analog Devices AD8115ASTZ2 Datasheet HTML 6Page - Analog Devices AD8115ASTZ2 Datasheet HTML 7Page - Analog Devices AD8115ASTZ2 Datasheet HTML 8Page - Analog Devices AD8115ASTZ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD8114/AD8115
Rev. B | Page 4 of 32
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLIES
Supply Current
AVCC, outputs enabled, no load
70/80
mA
AVCC, outputs disabled
27/30
mA
AVEE, outputs enabled, no load
70/80
mA
AVEE, outputs disabled
27/30
mA
DVCC, outputs enabled, no load
16
mA
Supply Voltage Range
±4.5 to ±5.5
V
PSRR
DC
64
80
dB
f = 100 kHz
66
dB
f = 1 MHz
46
dB
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (still air)
−40 to +85
°C
θJA
Operating (still air)
40
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com