Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8115ASTZ2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8115ASTZ2
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115ASTZ2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8115ASTZ2 Datasheet HTML 5Page - Analog Devices AD8115ASTZ2 Datasheet HTML 6Page - Analog Devices AD8115ASTZ2 Datasheet HTML 7Page - Analog Devices AD8115ASTZ2 Datasheet HTML 8Page - Analog Devices AD8115ASTZ2 Datasheet HTML 9Page - Analog Devices AD8115ASTZ2 Datasheet HTML 10Page - Analog Devices AD8115ASTZ2 Datasheet HTML 11Page - Analog Devices AD8115ASTZ2 Datasheet HTML 12Page - Analog Devices AD8115ASTZ2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD8114/AD8115
Rev. B | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
2
DGND
3
AGND
4
IN08
7
AGND
6
IN09
5
AGND
1
DVCC
8
IN10
9
AGND
10
IN11
12
IN12
13
AGND
14
IN13
15
AGND
16
IN14
17
AGND
18
IN15
19
AGND
20
AVEE
21
AVCC
22
AVCC15
23
OUT15
24
AVEE14/15
25
OUT14
11
AGND
74
DGND
DVCC
73
AGND
72
IN07
69
AGND
70
IN06
71
AGND
75
68
IN05
67
AGND
66
IN04
64
IN03
63
AGND
62
IN02
61
AGND
60
IN01
59
AGND
58
IN00
57
AGND
56
AVEE
55
AVCC
54
AVCC00
53
OUT00
52
AVEE00/01
51
OUT01
65
AGND
PIN 1
AD8114/AD8115
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com