Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9736BBCZ1 Datasheet(PDF) 69 Page - Analog Devices

Part # AD9736BBCZ1
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBCZ1 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9736BBCZ1 Datasheet HTML 64Page - Analog Devices AD9736BBCZ1 Datasheet HTML 65Page - Analog Devices AD9736BBCZ1 Datasheet HTML 66Page - Analog Devices AD9736BBCZ1 Datasheet HTML 67Page - Analog Devices AD9736BBCZ1 Datasheet HTML 68Page - Analog Devices AD9736BBCZ1 Datasheet HTML 69Page - Analog Devices AD9736BBCZ1 Datasheet HTML 70Page - Analog Devices AD9736BBCZ1 Datasheet HTML 71Page - Analog Devices AD9736BBCZ1 Datasheet HTML 72Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 69 of 72
OUTLINE DIMENSIONS
12.10
12.00 SQ
11.90
SEATING
PLANE
0.43 MAX
0.25 MIN
DETAIL A
0.55
0.50
0.45
0.12 MAX
COPLANARITY
1.00 MAX
0.85 MIN
BALL DIAMETER
0.80 BSC
0.80
REF
10.40
BSC SQ
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
8
7
6
3
2
1
95
4
A1 CORNER
INDEX AREA
TOP VIEW
BALL A1
INDICATOR
DETAIL A
BOTTOM
VIEW
1.40 MAX
COMPLIANT TO JEDEC STANDARDS MO-205-AE.
Figure 116. 160-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-160-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9734BBC
−40°C to +85°C
160-Lead Chip Scale Package Ball Grid Array (CSP_BGA)
BC-160-1
AD9734BBCRL
−40°C to +85°C
160-Lead Chip Scale Package Ball Grid Array (CSP_BGA)
BC-160-1
AD9734BBCZ1
−40°C to +85°C
160-Lead Chip Scale Package Ball Grid Array (CSP_BGA)
BC-160-1
AD9734BBCZRL1
−40°C to +85°C
160-Lead Chip Scale Package Ball Grid Array (CSP_BGA)
BC-160-1
AD9735BBC
−40°C to +85°C
160-Lead Chip Scale Package Ball Grid Array (CSP_BGA)
BC-160-1
AD9735BBCZ1
−40°C to +85°C
160-Lead Chip Scale Package Ball Grid Array (CSP_BGA)
BC-160-1
AD9735BBCRL
−40°C to +85°C
160-Lead Chip Scale Package Ball Grid Array (CSP_BGA)
BC-160-1
AD9735BBCZRL1
−40°C to +85°C
160-Lead Chip Scale Package Ball Grid Array (CSP_BGA)
BC-160-1
AD9736BBC
−40°C to +85°C
160-Lead Chip Scale Package Ball Grid Array (CSP_BGA)
BC-160-1
AD9736BBCRL
−40°C to +85°C
160-Lead Chip Scale Package Ball Grid Array (CSP_BGA)
BC-160-1
AD9736BBCZ1
−40°C to +85°C
160-Lead Chip Scale Package Ball Grid Array (CSP_BGA)
BC-160-1
AD9736BBCZRL1
−40°C to +85°C
160-Lead Chip Scale Package Ball Grid Array (CSP_BGA)
BC-160-1
AD9734-EB
Evaluation Board
AD9735-EB
Evaluation Board
AD9736-EB
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com