Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9736BBCZ1 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9736BBCZ1
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBCZ1 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9736BBCZ1 Datasheet HTML 12Page - Analog Devices AD9736BBCZ1 Datasheet HTML 13Page - Analog Devices AD9736BBCZ1 Datasheet HTML 14Page - Analog Devices AD9736BBCZ1 Datasheet HTML 15Page - Analog Devices AD9736BBCZ1 Datasheet HTML 16Page - Analog Devices AD9736BBCZ1 Datasheet HTML 17Page - Analog Devices AD9736BBCZ1 Datasheet HTML 18Page - Analog Devices AD9736BBCZ1 Datasheet HTML 19Page - Analog Devices AD9736BBCZ1 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 16 of 72
LOCATION OF SUPPLY AND CONTROL PINS
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
8
7
6
3
2
19
5
4
AVSS, ANALOG SUPPLY GROUND
AVSS, ANALOG SUPPLY GROUND SHIELD
AVDD33, 3.3V, ANALOG SUPPLY
Figure 5. Analog Supply Pins (Top View)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
8
7
6
3
2
19
5
4
CVDD18, 1.8V CLOCK SUPPLY
CVSS, CLOCK SUPPLY GROUND
Figure 6. Clock Supply Pins (Top View)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
8
7
6
3
2
19
5
4
DVDD33, 3.3V DIGITAL SUPPLY
DVSS DIGITAL SUPPLY GROUND
DVDD18, 1.8V DIGITAL SUPPLY
Figure 7. Digital Supply Pins (Top View)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
8
7
6
3
2
19
5
4
I120
VREF
IPTAT
PIN_MODE = 0,
SPI ENABLED
PIN_MODE = 1,
SPI DISABLED
PIN_MODE
UNSIGNED
2×
FSC0
PD
FIFO
FSC1
IRQ
CSB
SCLK
RESET
SDIO
SDO
Figure 8. Analog I/O and SPI Control Pins (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com