Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9736BBCZ1 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9736BBCZ1
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBCZ1 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9736BBCZ1 Datasheet HTML 25Page - Analog Devices AD9736BBCZ1 Datasheet HTML 26Page - Analog Devices AD9736BBCZ1 Datasheet HTML 27Page - Analog Devices AD9736BBCZ1 Datasheet HTML 28Page - Analog Devices AD9736BBCZ1 Datasheet HTML 29Page - Analog Devices AD9736BBCZ1 Datasheet HTML 30Page - Analog Devices AD9736BBCZ1 Datasheet HTML 31Page - Analog Devices AD9736BBCZ1 Datasheet HTML 32Page - Analog Devices AD9736BBCZ1 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 29 of 72
SPI REGISTER MAP
Write 0 to unspecified or reserved bit locations. Reading these bits returns unknown values.
Table 9. SPI Register Map
Reg. Addr.
Default
Pin Mode
Dec.
Hex.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(Hex)
(Hex)
0
00
MODE
SDIO_DIR
LSBFIRST
RESET
LONG_INS
2X MODE
FIFO MODE
DATAFRMT
PD
00
00
1
01
IRQ
LVDS
SYNC
CROSS
RESERVED
IE_LVDS
IE_SYNC
IE_CROSS
RESERVED
00
00
2
02
FSC_1
SLEEP
FSC<9>
FSC<8>
02
02
3
03
FSC_2
FSC<7>
FSC<6>
FSC<5>
FSC<4>
FSC<3>
FSC<2>
FSC<1>
FSC<0>
00
00
4
04
LVDS_CNT1
MSD<3>
MSD<2>
MSD<1>
MSD<0>
MHD<3>
MHD<2>
MHD<1>
MHD<0>
00
00
5
05
LVDS_CNT2
SD<3>
SD<2>
SD<1>
SD<0>
LCHANGE
ERR_HI
ERR_LO
CHECK
00
00
6
06
LVDS_CNT3
LSURV
LAUTO
LFLT<3>
LFLT<2>
LFLT<1>
LFLT<0>
LTRH<1>
LTRH<0>
00
00
7
07
SYNC_CNT1
FIFOSTAT3
FIFOSTAT2
FIFOSTAT1
FIFOSTAT0
VALID
SCHANGE
PHOF<1>
PHOF<0>
00
00
8
08
SYNC_CNT2
SSURV
SAUTO
SFLT<3>
SFLT<2>
SFLT<1>
SFLT<0>
RESERVED
STRH<0>
00
00
9
09
RESERVED
10
0A
CROS_CNT1
UPDEL<5>
UPDEL<4>
UPDEL<3>
UPDEL<2>
UPDEL<1>
UPDEL<0>
00
00
11
0B
CROS_CNT2
DNDEL<5>
DNDEL<4>
DNDEL<3>
DNDEL<2>
DNDEL<1>
DNDEL<0>
00
00
12
0C
RESERVED
13
0D
RESERVED
14
0E
ANA_CNT1
MSEL<1>
MSEL<0>
TRMBG<2>
TRMBG<1>
TRMBG<0>
C0
C0
15
0F
ANA_CNT2
HDRM<7>
HDRM<6>
HDRM<5>
HDRM<4>
HDRM<3>
HDRM<2>
HDRM<1>
HDRM<0>
CA
CA
16
10
RESERVED
17
11
BIST_CNT
SEL<1>
SEL<0>
SIG_READ
LVDS_EN
SYNC_EN
CLEAR
00
00
18
12
BIST<7:0>
19
13
BIST<15:8>
20
14
BIST<23:16>
21
15
BIST<31:24>
22
16
CCLK_DIV
RESERVED
RESERVED
RESERVED
RESERVED
CCD<3>
CCD<2>
CCD<1>
CCD<0>
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com