Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9767-EBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9767-EBZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9767-EBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9767-EBZ Datasheet HTML 28Page - Analog Devices AD9767-EBZ Datasheet HTML 29Page - Analog Devices AD9767-EBZ Datasheet HTML 30Page - Analog Devices AD9767-EBZ Datasheet HTML 31Page - Analog Devices AD9767-EBZ Datasheet HTML 32Page - Analog Devices AD9767-EBZ Datasheet HTML 33Page - Analog Devices AD9767-EBZ Datasheet HTML 34Page - Analog Devices AD9767-EBZ Datasheet HTML 35Page - Analog Devices AD9767-EBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
AD9763/AD9765/AD9767
Data Sheet
Rev. G | Page 32 of 44
QUADRATURE AMPLITUDE MODULATION (QAM)
EXAMPLE USING THE AD9763
QAM is one of the most widely used digital modulation
schemes in digital communications systems. This modulation
technique can be found in FDM as well as spread spectrum
(that is, CDMA) based systems. A QAM signal is a carrier
frequency that is modulated in both amplitude (that is, AM
modulation) and phase (that is, PM modulation). It can be
generated by independently modulating two carriers of
identical frequency but with a 90° phase difference. This results
in an in-phase (I) carrier component and a quadrature (Q) carrier
component at a 90° phase shift with respect to the I component.
The I and Q components are then summed to provide a QAM
signal at the specified carrier frequency.
A common and traditional implementation of a QAM modulator
is shown in Figure 83. The modulation is performed in the
analog domain in which two DACs are used to generate the
baseband I and Q components. Each component is then typically
applied to a Nyquist filter before being applied to a quadrature
mixer. The matching Nyquist filters shape and limit each
component’s spectral envelope while minimizing intersymbol
interference. The DAC is typically updated at the QAM symbol
rate, or at a multiple of the QAM symbol rate if an interpolating
filter precedes the DAC. The use of an interpolating filter typically
eases the implementation and complexity of the analog filter, which
can be a significant contributor to mismatches in gain and phase
between the two baseband channels. A quadrature mixer
modulates the I and Q components with the in-phase and
quadrature carrier frequency and then sums the two outputs
to provide the QAM signal.
QUADRATURE
MODULATOR
DAC
10
10
DAC
CARRIER
FREQUENCY
NYQUIST
FILTERS
TO
MIXER
DSP
OR
ASIC
Σ
0°
90°
Figure 83. Typical Analog QAM Architecture
In this implementation, it is much more difficult to maintain
proper gain and phase matching between the I and Q channels.
The circuit implementation shown in Figure 84 helps improve the
matching between the I and Q channels, and it shows a path for
upconversion using the AD8346 quadrature modulator. The
AD9763 provides both I and Q DACs a common reference that
improves the gain matching and stability. RCAL can be used to
compensate for any mismatch in gain between the two channels.
The mismatch can be attributed to the mismatch between RSET1
and RSET2, the effective load resistance of each channel, and/or
the voltage offset of the control amplifier in each DAC. The
differential voltage outputs of both DACs in the AD9763 are
fed into the respective differential inputs of the AD8346 via
matching networks.
AD9763/
AD9765/
AD9767
IOUTA
IOUTB
IOUTA
IOUTB
DCOM1/
DCOM2
DVDD1/
DVDD2
AVDD
VPBF
BBIP
BBIN
BBQP
BBQN
LOIP
LOIN
VOUT
WRT1/IQWRT
ACOM
+
SPECTRUM ANALYZER
AD8346
CLK1/IQCLK
I
DAC
WRT2/IQSEL
CFILTER
VDIFF = 1.82V p-p
RL
RL
RB
RB
RB
RL
RL
RL
RL
LA
LA
LA
LA
RL
CA
CA
RB
RA
RA
RA
RL
RB
RA
0 TO IOUTFS
AD8346
AVDD
AD976x
AVDD
TEKTRONIX
AWG2021
WITH
OPTION 4
I DAC
LATCH
Q DAC
LATCH
Q
DAC
NOTES
1. DAC FULL-SCALE OUTPUT CURRENT = IOUTFS.
2. RA, RB, AND RL ARE THIN FILM RESISTOR NETWORKS
WITH 0.1% MATCHING, 1% ACCURACY AVAILABLE
FROM OHMTEK ORNXXXXD SERIES OR EQUIVALENT.
VMOD
VDAC
DIFFERENTIAL
RLC FILTER
RL = 200Ω
RA = 2500Ω
RB = 500Ω
RP = 200Ω
CA = 280pF
CB = 45pF
LA = 10µH
IOUTFS = 11mA
AVDD = 5.0V
VCM = 1.2V
RL
CB
0.1µF
RA
CB
PHASE
SPLITTER
ROHDE & SCHWARZ
FSEA30B
OR EQUIVALENT
ROHDE & SCHWARZ
SIGNAL GENERATOR
SLEEP
FSADJ1
FSADJ2
MODE
REFIO
2kΩ
20kΩ
0.1µF
256Ω
22nF
2kΩ
20kΩ
256Ω
22nF
Figure 84. Baseband QAM Implementation Using an AD9763 and an AD8346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com