Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9767-EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9767-EBZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9767-EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9767-EBZ Datasheet HTML 26Page - Analog Devices AD9767-EBZ Datasheet HTML 27Page - Analog Devices AD9767-EBZ Datasheet HTML 28Page - Analog Devices AD9767-EBZ Datasheet HTML 29Page - Analog Devices AD9767-EBZ Datasheet HTML 30Page - Analog Devices AD9767-EBZ Datasheet HTML 31Page - Analog Devices AD9767-EBZ Datasheet HTML 32Page - Analog Devices AD9767-EBZ Datasheet HTML 33Page - Analog Devices AD9767-EBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
AD9763/AD9765/AD9767
Data Sheet
Rev. G | Page 30 of 44
Proper grounding and decoupling are primary objectives in any
high speed, high resolution system. The AD9763/AD9765/AD9767
features separate analog and digital supply and ground pins to
optimize the management of analog and digital ground currents
in a system. In general, decouple the analog supply (AVDD) to
the analog common (ACOM) as close to the chip as physically
possible. Similarly, decouple the digital supply (DVDD1/DVDD2)
to the digital common (DCOM1/DCOM2) as close to the chip
as possible.
Note that the data in Figure 77 is given in terms of current out
vs. voltage in. Noise on the analog power supply has the effect
of modulating the internal current sources and therefore the
output current. The voltage noise on AVDD, therefore, is added
in a nonlinear manner to the desired IOUT. PSRR is very code
dependent, thus producing mixing effects that can modulate
low frequency power supply noise to higher frequencies. Worst-
case PSRR for either one of the differential DAC outputs occurs
when the full-scale current is directed toward that output. As a
result, the PSRR measurement in Figure 77 represents a worst-
case condition in which the digital inputs remain static and the
full-scale output current of 20 mA is directed to the DAC
output being measured.
For those applications that require a single 5 V or 3.3 V supply
for both the analog and digital supplies, a clean analog supply
can be generated using the circuit shown in Figure 78. The
circuit consists of a differential LC filter with separate power
supply and return lines. Lower noise can be attained by using
low-ESR type electrolytic and tantalum capacitors.
An example serves to illustrate the effect of supply noise on the
analog supply. Suppose a switching regulator with a switching
frequency of 250 kHz produces 10 mV of noise and, for simplicity’s
sake, all of this noise is concentrated at 250 kHz (that is, ignore
harmonics). To calculate how much of this undesired noise will
appear as current noise superimposed on the DAC full-scale
current, IOUTFS, one must determine the PSRR in decibels using
Figure 77 at 250 kHz. To calculate the PSRR for a given RLOAD,
such that the units of PSRR are converted from A/V to V/V,
adjust the curve in Figure 77 by the scaling factor 20 × log(RLOAD).
For example, if RLOAD is 50 Ω, the PSRR is reduced by 34 dB (that
is, the PSRR of the DAC at 250 kHz, which is 85 dB in Figure 77,
becomes 51 dB VOUT/VIN).
TTL/CMOS
LOGIC
CIRCUITS
100µF
0.1µF
AVDD
ACOM
ELECTROLYTIC
TANTALUM
CERAMIC
5V
POWER SUPPLY
FERRITE
BEADS
10µF
TO
22µF
Figure 78. Differential LC Filter for Single 5 V and 3.3 V Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com