Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9767-EBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9767-EBZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9767-EBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9767-EBZ Datasheet HTML 14Page - Analog Devices AD9767-EBZ Datasheet HTML 15Page - Analog Devices AD9767-EBZ Datasheet HTML 16Page - Analog Devices AD9767-EBZ Datasheet HTML 17Page - Analog Devices AD9767-EBZ Datasheet HTML 18Page - Analog Devices AD9767-EBZ Datasheet HTML 19Page - Analog Devices AD9767-EBZ Datasheet HTML 20Page - Analog Devices AD9767-EBZ Datasheet HTML 21Page - Analog Devices AD9767-EBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD9763/AD9765/AD9767
Data Sheet
Rev. G | Page 18 of 44
90
85
80
75
70
65
60
–20
0
–5
–10
–15
AOUT (dBFS)
910kHz/10MSPS
5.91MHz/65MSPS
2.27MHz/25MSPS
11.37MHz/125MSPS
Figure 46. Single-Tone SFDR vs. AOUT @ fOUT = fCLK/11
90
85
80
75
70
60
50
65
55
–20
0
–5
–10
–15
AOUT (dBFS)
5MHz/25MSPS
1MHz/5MSPS
2MHz/10MSPS
13MHz/65MSPS
25MHz/125MSPS
Figure 47. Single-Tone SFDR vs. AOUT @ fOUT = fCLK/5
85
80
75
70
65
50
55
60
–25
–20
0
–5
–10
–15
AOUT (dBFS)
3.38MHz/3.63MHz@25MSPS
0.965MHz/1.035MHz@7MSPS
6.75MHz/7.25MHz@65MSPS
16.9MHz/18.1MHz@125MSPS
Figure 48. Dual-Tone SFDR vs. AOUT @ fOUT = fCLK/7
75
70
65
60
55
20
140
120
100
80
60
40
fCLK (MSPS)
IOUTFS = 20mA
IOUTFS = 10mA
IOUTFS = 5mA
Figure 49. SINAD vs. fCLK and IOUTFS @ fOUT = 5 MHz and 0 dBFS
2.5
2.0
1.5
1.0
0.5
–1.5
–1.0
–0.5
0
0
16000
4000
8000
12000
CODE
Figure 50. Typical INL
0.4
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0.2
0
0
1000
800
600
400
200
CODE
Figure 51. Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com