Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC28J60 Datasheet(PDF) 37 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 37 Page - Microchip Technology

Back Button ENC28J60_12 Datasheet HTML 33Page - Microchip Technology ENC28J60_12 Datasheet HTML 34Page - Microchip Technology ENC28J60_12 Datasheet HTML 35Page - Microchip Technology ENC28J60_12 Datasheet HTML 36Page - Microchip Technology ENC28J60_12 Datasheet HTML 37Page - Microchip Technology ENC28J60_12 Datasheet HTML 38Page - Microchip Technology ENC28J60_12 Datasheet HTML 39Page - Microchip Technology ENC28J60_12 Datasheet HTML 40Page - Microchip Technology ENC28J60_12 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 102 page
background image
 2006-2012 Microchip Technology Inc.
.
DS39662E-page 37
ENC28J60
6.6
PHY Initialization Settings
Depending on the application, bits in three of the PHY
module’s registers may also require configuration.
The PHCON1.PDPXMD bit partially controls the
device’s half/full-duplex configuration. Normally, this bit
is initialized correctly by the external circuitry (see
Section 2.6 “LED Configuration”). If the external
circuitry is not present or incorrect, however, the host
controller must program the bit properly. Alternatively,
for an externally configurable system, the PDPXMD bit
may be read and the FULDPX bit be programmed to
match.
For proper duplex operation, the PHCON1.PDPXMD
bit must also match the value of the MACON3.FULDPX
bit.
If using half duplex, the host controller may wish to set
the PHCON2.HDLDIS bit to prevent automatic
loopback of the data which is transmitted.
The PHY register, PHLCON, controls the outputs of
LEDA and LEDB. If an application requires a LED
configuration other than the default, PHLCON must be
altered to match the new requirements. The settings for
LED operation are discussed in Section 2.6 “LED
Configuration”. The PHLCON register is shown in
Register 2-2 (page 9).
REGISTER 6-5:
PHCON2: PHY CONTROL REGISTER 2
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
FRCLNK
TXDIS
r
r
JABBER
r
HDLDIS
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
r
r
r
r
r
r
r
r
bit 7
bit 0
Legend:
r = Reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented: Read as ‘0’
bit 14
FRCLNK: PHY Force Linkup bit
1 = Force linkup even when no link partner is detected
0 = Normal operation
bit 13
TXDIS: Twisted-Pair Transmitter Disable bit
1 = Disable twisted-pair transmitter
0 = Normal operation
bit 12-11
Reserved: Write as ‘0’
bit 10
JABBER: Jabber Correction Disable bit
1 = Disable jabber correction
0 = Normal operation
bit 9
Reserved: Write as ‘0’
bit 8
HDLDIS: PHY Half-Duplex Loopback Disable bit
When PHCON1<8> = 1 or PHCON1<14> = 1:
This bit is ignored.
When PHCON1<8> = 0 and PHCON1<14> = 0:
1 = Transmitted data will only be sent out on the twisted-pair interface
0 = Transmitted data will be looped back to the MAC and sent out on the twisted-pair interface
bit 7-0
Reserved: Write as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com