Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC28J60 Datasheet(PDF) 15 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 15 Page - Microchip Technology

Back Button ENC28J60_12 Datasheet HTML 11Page - Microchip Technology ENC28J60_12 Datasheet HTML 12Page - Microchip Technology ENC28J60_12 Datasheet HTML 13Page - Microchip Technology ENC28J60_12 Datasheet HTML 14Page - Microchip Technology ENC28J60_12 Datasheet HTML 15Page - Microchip Technology ENC28J60_12 Datasheet HTML 16Page - Microchip Technology ENC28J60_12 Datasheet HTML 17Page - Microchip Technology ENC28J60_12 Datasheet HTML 18Page - Microchip Technology ENC28J60_12 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 102 page
background image
 2006-2012 Microchip Technology Inc.
.
DS39662E-page 15
ENC28J60
3.1.1
ECON1 REGISTER
The ECON1 register, shown in Register 3-1, is used to
control the main functions of the ENC28J60. Receive
enable, transmit request, DMA control and bank select
bits can all be found in ECON1.
REGISTER 3-1:
ECON1: ETHERNET CONTROL REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
TXRST
RXRST
DMAST
CSUMEN
TXRTS
RXEN
BSEL1
BSEL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
TXRST: Transmit Logic Reset bit
1 = Transmit logic is held in Reset
0 = Normal operation
bit 6
RXRST: Receive Logic Reset bit
1 = Receive logic is held in Reset
0 = Normal operations
bit 5
DMAST: DMA Start and Busy Status bit
1 = DMA copy or checksum operation is in progress
0 = DMA hardware is Idle
bit 4
CSUMEN: DMA Checksum Enable bit
1 = DMA hardware calculates checksums
0 = DMA hardware copies buffer memory
bit 3
TXRTS: Transmit Request to Send bit
1 = The transmit logic is attempting to transmit a packet
0 = The transmit logic is Idle
bit 2
RXEN: Receive Enable bit
1 = Packets which pass the current filter configuration will be written into the receive buffer
0 = All packets received will be ignored
bit 1-0
BSEL<1:0>: Bank Select bits
11 = SPI accesses registers in Bank 3
10 = SPI accesses registers in Bank 2
01 = SPI accesses registers in Bank 1
00 = SPI accesses registers in Bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com