Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC28J60 Datasheet(PDF) 77 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 77 Page - Microchip Technology

Back Button ENC28J60_12 Datasheet HTML 73Page - Microchip Technology ENC28J60_12 Datasheet HTML 74Page - Microchip Technology ENC28J60_12 Datasheet HTML 75Page - Microchip Technology ENC28J60_12 Datasheet HTML 76Page - Microchip Technology ENC28J60_12 Datasheet HTML 77Page - Microchip Technology ENC28J60_12 Datasheet HTML 78Page - Microchip Technology ENC28J60_12 Datasheet HTML 79Page - Microchip Technology ENC28J60_12 Datasheet HTML 80Page - Microchip Technology ENC28J60_12 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
 2006-2012 Microchip Technology Inc.
.
DS39662E-page 77
ENC28J60
TABLE 15-1:
SUMMARY OF REGISTERS ASSOCIATED WITH THE SELF-TEST CONTROLLER
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
ECON1
TXRST
RXRST
DMAST
CSUMEN
TXRTS
RXEN
BSEL1
BSEL0
13
ERXNDL
RX End Low Byte (ERXND<7:0>)
13
ERXNDH
—
—
—
RX End High Byte (ERXND<12:8>)
13
EDMASTL
DMA Start Low Byte (EDMAST<7:0>)
13
EDMASTH
—
—
—
DMA Start High Byte (EDMAST<12:8>)
13
EDMANDL
DMA End Low Byte (EDMAND<7:0>)
13
EDMANDH
—
—
—
DMA End High Byte (EDMAND<12:8>)
13
EDMACSL
DMA Checksum Low Byte (EDMACS<7:0>)
13
EDMACSH
DMA Checksum High Byte (EDMACS<15:8>)
13
EBSTSD
Built-in Self-Test Fill Seed (EBSTSD<7:0>)
14
EBSTCON
PSV2
PSV1
PSV0
PSEL
TMSEL1
TMSEL0
TME
BISTST
14
EBSTCSL
Built-in Self-Test Checksum Low Byte (EBSTCS<7:0>)
14
EBSTCSH
Built-in Self-Test Checksum High Byte (EBSTCS<15:8>)
14
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com