Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6H72 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6H72
Description  2.7 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H72 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6H72 Datasheet HTML 1Page - Microchip Technology MCP6H72 Datasheet HTML 2Page - Microchip Technology MCP6H72 Datasheet HTML 3Page - Microchip Technology MCP6H72 Datasheet HTML 4Page - Microchip Technology MCP6H72 Datasheet HTML 5Page - Microchip Technology MCP6H72 Datasheet HTML 6Page - Microchip Technology MCP6H72 Datasheet HTML 7Page - Microchip Technology MCP6H72 Datasheet HTML 8Page - Microchip Technology MCP6H72 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MCP6H71/2/4
DS22325B-page 4
 2012 Microchip Technology Inc.
Output
High-Level Output Voltage
VOH
3.490
3.495
—
V
VDD =3.5V
0.5V input overdrive
4.985
4.993
—
V
VDD =5V
0.5V input overdrive
11.970
11.980
—
V
VDD =12V
0.5V input overdrive
Low-Level Output Voltage
VOL
—
0.005
0.010
V
VDD =3.5V
0.5 V input overdrive
—
0.007
0.015
V
VDD =5V
0.5 V input overdrive
—
0.020
0.030
V
VDD =12V
0.5 V input overdrive
Output Short-Circuit Current
ISC
—±32
—
mA
VDD =3.5V
—±50
—
mA
VDD =5V
—±53
—
mA
VDD =12V
Power Supply
Supply Voltage
VDD
3.5
—
12
V
Single-Supply operation
±1.75
—
±6
V
Dual-Supply operation
Quiescent Current per Amplifier
IQ
—
480
600
µA
IO =0, VCM =VDD/4
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +3.5V to +12V, VSS = GND,
VCM =VDD/2 - 1.4V, VOUT  VDD/2, VL =VDD/2, RL =10kto VL and CL = 60 pF. (Refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
2.7
—
MHz
Phase Margin
PM
—
57
—
°C
G = +1V/V
Slew Rate
SR
—
2
—
V/µs
Noise
Input Noise Voltage
Eni
—
11
—
µVp-p
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
Eni
—28
—
nV/
Hz f = 1 kHz
—16
—
nV/
Hz f = 10 kHz
Input Noise Current Density
ini
—1.9
—
fA/
Hz
f = 1 kHz
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VDD = +3.5V to +12V, VSS = GND, TA = +25°C,
VCM =VDD/2 - 1.4V, VOUT  VDD/2, VL =VDD/2 and RL =10kto VL. (Refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com