Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6H72 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6H72
Description  2.7 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H72 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6H72 Datasheet HTML 6Page - Microchip Technology MCP6H72 Datasheet HTML 7Page - Microchip Technology MCP6H72 Datasheet HTML 8Page - Microchip Technology MCP6H72 Datasheet HTML 9Page - Microchip Technology MCP6H72 Datasheet HTML 10Page - Microchip Technology MCP6H72 Datasheet HTML 11Page - Microchip Technology MCP6H72 Datasheet HTML 12Page - Microchip Technology MCP6H72 Datasheet HTML 13Page - Microchip Technology MCP6H72 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MCP6H71/2/4
DS22325B-page 10
 2012 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +3.5V to +12V, VSS = GND, VCM =VDD/2 - 1.4V, VOUT  VDD/2,
VL =VDD/2, RL =10kto VL and CL =60 pF.
FIGURE 2-19:
Channel-to-Channel
Separation vs. Frequency (MCP6H72/4 only).
FIGURE 2-20:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-21:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-22:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-23:
Output Voltage Swing vs.
Frequency.
FIGURE 2-24:
Output Voltage Headroom
vs. Output Current.
90
100
110
120
130
140
70
80
90
100
1000
10000
100000
100000
Frequency (Hz)
100
1k
10k
100k
1M
Input Referred
60
80
100
120
140
160
180
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Gain Bandwidth Product
Gain Bandwidth Product
Gain Bandwidth Product
Gain Bandwidth Product
Gain Bandwidth Product
Gain Bandwidth Product
0
20
40
0.0
0.5
1.0
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
Phase Margin
V
DD = 3.5V
Phase Margin
V
DD = 3.5V
Phase Margin
V
DD = 3.5V
Phase Margin
V
DD = 3.5V
Phase Margin
V
DD = 3.5V
Phase Margin
V
DD = 3.5V
40
60
80
100
120
140
160
180
10
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Gain Bandwidth Product
0
20
40
0.0
0.5
1.0
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
V
DD = 12V
V
DD = 12V
V
DD = 12V
V
DD = 12V
V
DD = 12V
V
DD = 12V
V
DD = 12V
Phase Margin
V
DD = 12V
20
30
40
50
60
70
T
A = +125°C
T
A = +85°C
T
A = +25°C
T = 40°C
0
10
02468
10
12
Power Supply Voltage (V)
T
A = -40 C
1
10
100
V
DD = 3.5V
V
DD = 5V
V
DD = 12V
0.1
1000
10000
100000
1000000
10000000
Frequency (Hz)
1k
10k
100k
1M
10M
1
10
100
1000
V
DD - VOH
V
OL -VSS
V
DD = 12V
0.1
1
0.01
0.1
1
10
100
Output Current (mA)
DD
OH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com