Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6H72 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP6H72
Description  2.7 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H72 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP6H72 Datasheet HTML 16Page - Microchip Technology MCP6H72 Datasheet HTML 17Page - Microchip Technology MCP6H72 Datasheet HTML 18Page - Microchip Technology MCP6H72 Datasheet HTML 19Page - Microchip Technology MCP6H72 Datasheet HTML 20Page - Microchip Technology MCP6H72 Datasheet HTML 21Page - Microchip Technology MCP6H72 Datasheet HTML 22Page - Microchip Technology MCP6H72 Datasheet HTML 23Page - Microchip Technology MCP6H72 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
MCP6H71/2/4
DS22325B-page 20
 2012 Microchip Technology Inc.
4.7.2
ACTIVE FULL-WAVE RECTIFIER
The MCP6H71/2/4 family of op amps can be used in
applications such as an active full-wave rectifier, as
shown in Figure 4-9. The amplifier and feedback loops
in this active voltage rectifier circuit eliminate the diode
drop problem that exists in a passive voltage rectifier.
This circuit behaves as a voltage follower (the output
follows the input) as long as the input signal is more
positive than the reference voltage. If the input signal is
more negative than the reference voltage, however, the
circuit behaves as an inverting amplifier with a
Gain = -1V/V. Therefore, the output voltage will always
be above the reference voltage, regardless of the input
signal. The reference voltage (VREF) is supplied by a
low-impedance source. In single-supply applications,
VREF is typically VDD/2.
FIGURE 4-9:
Active Full-Wave Rectifier.
4.7.3
TRIANGLE WAVES GENERATOR
The MCP6H71/2/4 family of op amps can be used in
function generation applications, such as a triangle
waves generator, as shown in Figure 4-10.
The triangle waves generator consists of an integrator
and one comparator, connected in a positive feedback
loop. This approach is based on the simple fact that
integration of a constant voltage results in a linear
ramp. The op amp is configured as an integrator using
R1 and C1 to provide the triangular output, and the
Schmitt triggers are designed with R2 and R3 to change
the state corresponding to the desired peak voltages of
the triangular wave output. The reference voltage
(VREF) is supplied by a low-impedance source. In
single-supply applications, VREF is typically VDD/2.
FIGURE 4-10:
Triangle Waves Generator.
–
+
–
+
VIN
VOUT
VREF
VREF
R
R
R
R/2
R
Op Amp A
Op Amp B
D1
D2
VREF
VREF
time
time
Input
Output
½
½
MCP6H72
MCP6H72
C1
+
-
VOUT
+
-
T1 T2
-Vo+
R1C1
[V/s]
-Vo-
R1C1
[V/s]
-Vo+R3
Vo-
R3
R2
VREF
½
MCP6H72
½
MCP6H72
R1
R2
-Vo- R3
R2
Vo+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com