Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA555DT Datasheet(PDF) 8 Page - STMicroelectronics

Part # SA555DT
Description  General-purpose single bipolar timers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA555DT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SA555DT Datasheet HTML 4Page - STMicroelectronics SA555DT Datasheet HTML 5Page - STMicroelectronics SA555DT Datasheet HTML 6Page - STMicroelectronics SA555DT Datasheet HTML 7Page - STMicroelectronics SA555DT Datasheet HTML 8Page - STMicroelectronics SA555DT Datasheet HTML 9Page - STMicroelectronics SA555DT Datasheet HTML 10Page - STMicroelectronics SA555DT Datasheet HTML 11Page - STMicroelectronics SA555DT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Application information
NE555 - SA555 - SE555
8/20
Doc ID 2182 Rev 6
4
Application information
4.1
Monostable operation
In the monostable mode, the timer generates a single pulse. As shown in Figure 12, the
external capacitor is initially held discharged by a transistor inside the timer.
Figure 12.
Typical schematics in monostable operation
The circuit triggers on a negative-going input signal when the level reaches 1/3 VCC. Once
triggered, the circuit remains in this state until the set time has elapsed, even if it is triggered
again during this interval. The duration of the output HIGH state is given by t = 1.1 R1C1 and
is easily determined by Figure 14.
Note that because the charge rate and the threshold level of the comparator are both
directly proportional to supply voltage, the timing interval is independent of supply. Applying
a negative pulse simultaneously to the reset terminal (pin 4) and the trigger terminal (pin 2)
during the timing cycle discharges the external capacitor and causes the cycle to start over.
The timing cycle now starts on the positive edge of the reset pulse. During the time the reset
pulse is applied, the output is driven to its LOW state.
When a negative trigger pulse is applied to pin 2, the flip-flop is set, releasing the short-
circuit across the external capacitor and driving the output HIGH. The voltage across the
capacitor increases exponentially with the time constant t = R1C1. When the voltage across
the capacitor equals 2/3 VCC, the comparator resets the flip-flop which then discharges the
capacitor rapidly and drives the output to its LOW state.
Figure 13 shows the actual waveforms generated in this mode of operation.
When Reset is not used, it should be tied high to avoid any possibility of unwanted
triggering.
Reset
Trigger
Output
R1
C1
Control Voltage
0.01
μF
NE555
= 5 to 15V
V
CC
4
2
3
1
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com