Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA555DT Datasheet(PDF) 4 Page - STMicroelectronics

Part # SA555DT
Description  General-purpose single bipolar timers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA555DT Datasheet(HTML) 4 Page - STMicroelectronics

  SA555DT Datasheet HTML 1Page - STMicroelectronics SA555DT Datasheet HTML 2Page - STMicroelectronics SA555DT Datasheet HTML 3Page - STMicroelectronics SA555DT Datasheet HTML 4Page - STMicroelectronics SA555DT Datasheet HTML 5Page - STMicroelectronics SA555DT Datasheet HTML 6Page - STMicroelectronics SA555DT Datasheet HTML 7Page - STMicroelectronics SA555DT Datasheet HTML 8Page - STMicroelectronics SA555DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical characteristics
NE555 - SA555 - SE555
4/20
Doc ID 2182 Rev 6
3
Electrical characteristics
Table 3.
Tamb = +25° C, VCC = +5 V to +15 V (unless otherwise specified)
Symbol
Parameter
SE555
NE555 - SA555
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
ICC
Supply current (RL = ∝)
Low state
VCC = +5 V
VCC = +15 V
High state
VCC = +5 V
3
10
2
5
12
3
10
2
6
15
mA
Timing error (monostable)
(RA = 2 kΩ to 100 kΩ, C = 0.1 μF)
Initial accuracy (1)
Drift with temperature
Drift with supply voltage
0.5
30
0.05
2
100
0.2
1
50
0.1
3
0.5
%
ppm/°C
%/V
Timing error (astable)
(RA, RB = 1 kΩ to 100 kΩ, C = 0.1 μF, VCC= +15 V)
Initial accuracy (1)
Drift with temperature
Drift with supply voltage
1.5
90
0.15
2.25
150
0.3
%
ppm/°C
%/V
VCL
Control voltage level
VCC = +15 V
VCC = +5 V
9.6
2.9
10
3.33
10.4
3.8
9
2.6
10
3.33
11
4
V
Vth
Threshold voltage
VCC = +15 V
VCC = +5 V
9.4
2.7
10
3.33
10.6
4
8.8
2.4
10
3.33
11.2
4.2
V
Ith
Threshold current (2)
0.1
0.25
0.1
0.25
µA
Vtrig
Trigger voltage
VCC = +15 V
VCC = +5 V
4.8
1.45
5
1.67
5.2
1.9
4.5
1.1
5
1.67
5.6
2.2
V
Itrig
Trigger current (Vtrig = 0 V)
0.5
0.9
0.5
2.0
µA
Vreset
Reset voltage (3)
0.4
0.7
1
0.4
0.7
1
V
Ireset
Reset current
Vreset = +0.4 V
Vreset = 0 V
0.1
0.4
0.4
1
0.1
0.4
0.4
1.5
mA
VOL
Low level output voltage
VCC = +15 VIO(sink) = 10 mA
IO(sink) = 50 mA
IO(sink) = 100 mA
IO(sink) = 200 mA
VCC = +5 V IO(sink) = 8 mA
IO(sink) = 5 mA
0.1
0.4
2
2.5
0.1
0.05
0.15
0.5
2.2
0.25
0.2
0.1
0.4
2
2.5
0.3
0.25
0.25
0.75
2.5
0.4
0.35
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com