Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA555DT Datasheet(PDF) 3 Page - STMicroelectronics

Part # SA555DT
Description  General-purpose single bipolar timers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA555DT Datasheet(HTML) 3 Page - STMicroelectronics

  SA555DT Datasheet HTML 1Page - STMicroelectronics SA555DT Datasheet HTML 2Page - STMicroelectronics SA555DT Datasheet HTML 3Page - STMicroelectronics SA555DT Datasheet HTML 4Page - STMicroelectronics SA555DT Datasheet HTML 5Page - STMicroelectronics SA555DT Datasheet HTML 6Page - STMicroelectronics SA555DT Datasheet HTML 7Page - STMicroelectronics SA555DT Datasheet HTML 8Page - STMicroelectronics SA555DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NE555 - SA555 - SE555
Absolute maximum ratings and operating conditions
Doc ID 2182 Rev 6
3/20
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
18
V
IOUT
Output current (sink & source)
±225
mA
Rthja
Thermal resistance junction to ambient(1)
DIP8
SO-8
1.
Short-circuits can cause excessive heating. These values are typical.
85
125
°C/W
Rthjc
Thermal resistance junction to case(1)
DIP8
SO-8
41
40
°C/W
ESD
Human body model (HBM)(2)
2.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
1000
V
Machine model (MM)(3)
3.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
100
Charged device model (CDM)(4)
4.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1500
Latch-up immunity
200
mA
TLEAD
Lead temperature (soldering 10 seconds)
260
°C
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
-65 to 150
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
NE555
SA555
SE555
4.5 to 16
4.5 to 16
4.5 to 18
V
Vth, Vtrig,
Vcl, Vreset
Maximum input voltage
VCC
V
IOUT
Output current (sink and source)
±200
mA
Toper
Operating free air temperature range
NE555
SA555
SE555
0 to 70
-40 to 105
-55 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com