Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R167-Q3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST10R167-Q3
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167-Q3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST10R167-Q3 Datasheet HTML 4Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 5Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 6Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 7Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 8Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 9Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 10Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 11Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
ST10R167
8/63
WR/WRL
96
O
External Memory Write Strobe. In WR-mode this pin is activated for every
external data write access. In WRL-mode this pin is activated for low byte
data write accesses on a 16-bit bus, and for every data write access on an
8-bit bus. See WRCFG in register SYSCON for mode selection.
READY/READY
97
I
Ready Input. The active level is programmable. When the Ready function
is enabled, the selected inactive level at this pin during an external mem-
ory access will force the insertion of memory cycle time waitstates until
the pin returns to the selected active level.
ALE
98
O
Address Latch Enable Output. Can be used for latching the address into
external memory or an address latch in the multiplexed bus modes.
EA
99
I
External Access Enable pin. A low level at this pin during and after Reset
forces the ST10R167 to begin instruction execution out of external mem-
ory. A high level forces execution out of the internal Flash Memory.
P0L.0 - P0L.7
P0H.0
P0H.1 - P0H.7
100 - 107
108
111 - 117
I/O
Port 0 consists of the two 8-bit bidirectional I/O ports P0L and P0H. It is
bit-wise programmable for input or output via direction bits. For a pin con-
figured as input, the output driver is put into high-impedance state. In case
of an external bus configuration, Port 0 serves as the address (A) and
address/data (AD) bus in multiplexed bus modes and as the data (D) bus
in demultiplexed bus modes.
Demultiplexed bus modes:
Data Path Width : 8-bit
16-bit
P0L.0 – P0L.7
: D0 – D7
D0 - D7
P0H.0 – P0H.7
: I/O
D8 - D15
Multiplexed bus modes:
Data Path Width : 8-bit
16-bit
P0L.0 – P0L.7
: AD0 – AD7
AD0 - AD7
P0H.0 – P0H.7
: A8 - A15
AD8 - AD15
P1L.0 - P1L.7
P1H.0 - P1H.7
118 - 125
128 - 135
I/O
Port 1 consists of the two 8-bit bidirectional I/O ports P1L and P1H. It is
bit-wise programmable for input or output via direction bits. For a pin con-
figured as input, the output driver is put into high-impedance state. Port 1
is used as the 16-bit address bus (A) in demultiplexed bus modes and
also after switching from a demultiplexed bus mode to a multiplexed bus
mode.
The following PORT1 pins also serve for alternate functions:
132
133
134
135
I
I
I
I
P1H.4
CC24IO
CAPCOM2: CC24 Capture Input
P1H.5
CC25IO
CAPCOM2: CC25 Capture Input
P1H.6
CC26IO
CAPCOM2: CC26 Capture Input
P1H.7
CC27IO
CAPCOM2: CC27 Capture Input
XTAL1
138
I
Input to the oscillator amplifier and input to the internal clock generator
XTAL2
137
O
Output of the oscillator amplifier circuit.
To clock the device from an external source, drive XTAL1, while leaving
XTAL2 unconnected. Minimum and maximum high/low and rise/fall times
specified in the AC Characteristics must be observed.
RSTIN
140
I
Reset Input with Schmitt-Trigger characteristics. A low level at this pin for
a specified duration while the oscillator is running resets the ST10R167.
An internal pullup resistor permits power-on reset using only a capacitor
connected to VSS.
In bidirectional reset mode (enabled by setting bit BDRSTEN in SYSCON
register), the RSTIN line is pulled low for the duration of the internal reset
sequence.
Table 1 : Pin list (continued)
Symbol
Pin
Type
Function
II - PIN DATA (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com