Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R167-Q3 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST10R167-Q3
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167-Q3 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST10R167-Q3 Datasheet HTML 39Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 40Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 41Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 42Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 43Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 44Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 45Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 46Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
ST10R167
43/63
XX.4.3 - Prescaler operation
When pins P0.15-13 (P0H.7-5) equal ’001’ during
reset the CPU clock is derived from the internal
oscillator (input clock signal) by a 2:1 prescaler.
The frequency of fCPU is half the frequency of
fXTAL and the high and low time of fCPU (i.e. the
duration of an individual TCL) is defined by the
period of the input clock fXTAL.
The timings listed in the AC Characteristics that
refer to TCLs, therefore, can be calculated using
the period of fXTAL for any TCL.
Note that if the bit OWDDIS in SYSCON register
is cleared, the PLL is running on its free-running
frequency and delivers the clock signal for the
Oscillator Watchdog. If bit OWDDIS is set, then
the PLL is switched off.
XX.4.4 - Direct drive
When pins P0.15-13 (P0H.7-5) equal ’011’ during
reset the on-chip phase locked loop is disabled and
the CPU clock is directly driven from the internal
oscillator with the input clock signal.
The
frequency
of fCPU directly follows the
frequency of fXTAL so the high and low time of
fCPU (i.e. the duration of an individual TCL) is
defined by the duty cycle of the input clock fXTAL.
The timings listed below that refer to TCL
therefore must be calculated using the minimum
TCL
that
is
possible
under
the
respective
circumstances. This minimum value can be
calculated by the following formula:
For two consecutive TCLs the deviation caused
by the duty cycle of fXTAL is compensated so the
duration of 2TCL is always 1/fXTAL. The minimum
value TCLmin therefore has to be used only once
for timings that require an odd number of TCLs
(1,3,...). Timings that require an even number of
TCLs (2,4,...) may use the formula:
Note The address float timings in Multiplexed
bus mode (t11 and t45) use the maximum
duration of TCL (TCLmax = 1/fXTAL x DCmax)
instead of TCLmin.
Note that if the bit OWDDIS in SYSCON register
is cleared, the PLL is running on its free-running
frequency and delivers the clock signal for the
Oscillator Watchdog. If bit OWDDIS is set, then
the PLL is switched off.
XX.4.5 - Oscillator watchdog (OWD)
When the clock option selected is direct drive or
direct drive with prescaler, in order to provide a fail
safe mechanism in case of a loss of the external
clock, an oscillator watchdog is implemented as
an additional functionality of the PLL circuitry. This
oscillator watchdog operates as follows :
After a reset, the Oscillator Watchdog is enabled
by default. To disable the OWD, the bit OWDDIS
(bit 4 of SYSCON register) must be set.
When the OWD is enabled, the PLL is running on
its free-running frequency, and increment the
Oscillator Watchdog counter. On each transition
of XTAL1 pin, the Oscillator Watchdog is cleared.
If an external clock failure occurs, then the
Oscillator Watchdog counter overflows (after 16
PLL clock cycles).
The CPU clock signal will be switched to the PLL
free-running clock signal, and the Oscillator
Watchdog Interrupt Request (XP3INT) is flagged.
The CPU clock will not switch back to the external
clock even if a valid external clock exits on XTAL1
pin. Only a hardware reset can switch the CPU
clock source back to direct clock input.
When the OWD is disabled, the CPU clock is
always fed from the oscillator input and the PLL is
switched off to decrease power supply current.
XX.4.6 - Phase locked loop
For all other combinations of pins P0.15-13
(P0H.7-5) during reset the on-chip phase locked
loop is enabled and provides the CPU clock (see
table above). The PLL multiplies the input
frequency by the factor F which is selected via the
combination of pins P0.15-13 (i.e. fCPU = fXTAL *
F). With every F’th transition of fXTAL the PLL
circuit synchronizes the CPU clock to the input
clock. This synchronization is done smoothly, i.e.
the CPU clock frequency does not change
abruptly.
Due to this adaptation to the input clock the
frequency of fCPU is constantly adjusted so it is
locked to fXTAL. The slight variation causes a jitter
of fCPU which also effects the duration of
individual TCLs.
The timings listed in the AC Characteristics that
refer to TCL therefore must be calculated using
the minimum TCL that is possible under the
respective circumstances.
TCL
min
1f
⁄
XT AL
*DC
min
=
DC
duty cycle
=
2TCL
1 f
XTAL
⁄
=
XX - ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com